Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UNS2K Datasheet (PDF) - UN Semiconducctor INC

UNS2K Datasheet PDF - UN Semiconducctor INC
No. de pieza UNS2K
Descarga  UNS2K Descarga
Tamaño del archivo   2627.53 Kbytes
Page   5 Pages
Fabricante Electrónico  UNSEMI [UN Semiconducctor INC]
Página de inicio  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Descripción Electrónicos Surface Mount Transient Voltage Suppressors

UNS2K Datasheet (PDF)

Go To PDF Page Descarga Datasheet
UNS2K Datasheet PDF - UN Semiconducctor INC

No. de pieza UNS2K
Descarga  UNS2K Click to download

Tamaño del archivo   2627.53 Kbytes
Page   5 Pages
Fabricante Electrónico  UNSEMI [UN Semiconducctor INC]
Página de inicio  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Descripción Electrónicos Surface Mount Transient Voltage Suppressors

UNS2K Datasheet (HTML) - UN Semiconducctor INC


UNS2K Detalles de producto

Features
Glass passivated junction .
Excellent clamping capability .
Repetitive rate (duty cycle):0.01 % .
Low profile package and low inductance .
2000A Peak Pulse power capability at 8/20us waveform .
Fast response time: typically less than 1.0ps from 0V to VBR min .
High temperature soldering:260℃/10s at terminals .
For surface mounted application in order to optimize board space .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .




Número de pieza similar - UNS2K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
UNS2-T220 RIEDON-UNS2-T220 Datasheet
354Kb / 3P
Precision Foil Resistors
UNS2-T220 RIEDON-UNS2-T220 Datasheet
211Kb / 3P
Precision Foil Resistors
logo
UN Semiconducctor INC
UNS2ACDH339 UNSEMI-UNS2ACDH339 Datasheet
5Mb / 5P
TAB-UP 1X1 100M Lightning Protection Base For RJ45
Revision March 1,2022
UNS2ACDH372 UNSEMI-UNS2ACDH372 Datasheet
5Mb / 5P
TAB-UP 1X1 100M Lightning Protection Base For RJ45
Revision March 1,2022
More results


Descripción similar - UNS2K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com