Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UCLAMP3301D Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

UCLAMP3301D Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
No. de pieza UCLAMP3301D
Descarga  UCLAMP3301D Descarga
Tamaño del archivo   394.87 Kbytes
Page   5 Pages
Fabricante Electrónico  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Página de inicio  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Descripción Electrónicos 100 Watts peak pulse power (tp = 8/20μs)

UCLAMP3301D Datasheet (PDF)

Go To PDF Page Descarga Datasheet
UCLAMP3301D Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

No. de pieza UCLAMP3301D
Descarga  UCLAMP3301D Click to download

Tamaño del archivo   394.87 Kbytes
Page   5 Pages
Fabricante Electrónico  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Página de inicio  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Descripción Electrónicos 100 Watts peak pulse power (tp = 8/20μs)

UCLAMP3301D Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


UCLAMP3301D Detalles de producto

Description
The ClampTM series of Transient Voltage Suppressors
(TVS) are designed to replace multilayer varistors
(MLVs) in portable applications such as cell phones, notebook
computers, and PDAs. They offer superior
electrical characteristics such as lower clamping
voltage and no device degradation when compared to
MLVs. They are are designed to protect sensitive
semiconductor components from damage or upset due
to electrostatic discharge (ESD), lightning, electrical
fast transients (EFT), and cable discharge events
(CDE).
The UClamp3301D is constructed using proprietary
EPD process technology.
The EPD process provides low standoff voltages with
significant reduc-tions in leakage currents and capacitance
over silicon-avalanche diode processes. They feature
a true operating voltage of 3.3 volts for superior
protection when compared to traditional pn junction
devices.
The UClamp3301D is in a SOD-323 package and will
protect one unidirectional line. They give the designer
the flexibility to protect one line in applications where
arrays are not practical.
They may be used to meet the ESD immunity requirements
of IEC 61000-4-2, Level 4 (±15kV air, ±8kV
contact discharge).

100 Watts peak pulse power (tp = 8/20μs)
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
IEC 61000-4-5 (Lightning) 10A (tp = 8/20μs)
Small package for use in portable electronics
Suitable replacement for MLVs in ESD protection
applications
Protects one line
Low clamping voltage
Working voltages: 3.3V
Low leakage current
Solid-state silicon-avalanche technology
Features

Applications
Cell Phone Handsets and Accessories
Laser Diode Protection
Notebooks, Desktops, & Servers
Portable Instrumentation
Analog Inputs




Número de pieza similar - UCLAMP3301D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
UCLAMP3301D SEMTECH-UCLAMP3301D Datasheet
164Kb / 6P
Low Voltage 關ClampTM for ESD and CDE Protection
logo
TECH PUBLIC Electronics...
UCLAMP3301D TECHPUBLIC-UCLAMP3301D Datasheet
3Mb / 4P
1-Line Unl-directional TVS Diode
logo
Semtech Corporation
UCLAMP3301D.TCT SEMTECH-UCLAMP3301D.TCT Datasheet
164Kb / 6P
Low Voltage 關ClampTM for ESD and CDE Protection
More results


Descripción similar - UCLAMP3301D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
TPD2E009DRTR LEIDITECH-TPD2E009DRTR Datasheet
1Mb / 6P
100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2015
TPD2EUSB30DRTR LEIDITECH-TPD2EUSB30DRTR Datasheet
1Mb / 6P
100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2021
logo
Guangdong Youtai Semico...
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
280W peak pulse power (tp= 8/20μs)
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
480W peak pulse power (tp =8/20μs)
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3V1BCSF UMW-PESD3V3V1BCSF Datasheet
383Kb / 4P
70W peak pulse power (tp =8/20μs
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com