Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EUD-240S210DTL Datasheet (PDF) - Inventronics Inc.

EUD-240S210DTL Datasheet PDF - Inventronics Inc.
No. de pieza EUD-240S210DTL
Descarga  EUD-240S210DTL Descarga
Tamaño del archivo   895.24 Kbytes
Page   14 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 240W Pr ogrammable Driver with Ultra Long Lifetime

EUD-240S210DTL Datasheet (PDF)

Go To PDF Page Descarga Datasheet
EUD-240S210DTL Datasheet PDF - Inventronics Inc.

No. de pieza EUD-240S210DTL
Descarga  EUD-240S210DTL Click to download

Tamaño del archivo   895.24 Kbytes
Page   14 Pages
Fabricante Electrónico  INVENTRONICS [Inventronics Inc.]
Página de inicio  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Descripción Electrónicos 240W Pr ogrammable Driver with Ultra Long Lifetime

EUD-240S210DTL Datasheet (HTML) - Inventronics Inc.


EUD-240S210DTL Detalles de producto

Features
Innovative Design with No Electrolytic Capacitors
Ultra Long Lifetime: Greater than 100,000 hrs at 85C Case
Temperature
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/Timer Dimmable (3 Timer Modes )
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA
Output Lumen Compensation
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
10 Years Warranty
Description
The EUD-240SxxxDTL series is a novel 240W design that has removed the use of Electrolytic capacitors to
extend lifetime at elevated temperatures. It is a constant-current, programmable LED driver that operates from
90-305 Vac input with excellent power factor. Created for many lighting applications including high bay, high
mast, sports and roadway, it provides a dim-to-off mode with low standby power. The high efficiency of these
drivers and compact metal case enables them to run cooler, significantly improving reliability and extending
product life. To ensure trouble-free operation, protection is provided against input surge, output over voltage,
short circuit, and over temperature of both the driver and the external LED array.




Número de pieza similar - EUD-240S210DTL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inventronics Inc.
EUD-240S210DTA INVENTRONICS-EUD-240S210DTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
More results


Descripción similar - EUD-240S210DTL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OptoSupply Internationa...
OSW44LS3C1A OPTOSUPPLY-OSW44LS3C1A Datasheet
109Kb / 1P
Long Lifetime Operation
logo
XP Power Limited
CCB200 XPPOWER-CCB200 Datasheet
2Mb / 10P
Very Long Capacitor Lifetime
logo
Inventronics Inc.
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVL INVENTRONICS-EUD-096SXXXDVL Datasheet
695Kb / 13P
96W Programmable Driver with Ultra Long Lifetime
Rev.B
EUD-150SXXXDVL INVENTRONICS-EUD-150SXXXDVL Datasheet
765Kb / 13P
150W Programmable Driver with Ultra Long Lifetime
Rev. C
EUD-240SXXXBTA INVENTRONICS-EUD-240SXXXBTA Datasheet
945Kb / 14P
240W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
EUK-150SXXXDTTT INVENTRONICS-EUK-150SXXXDTTT Datasheet
933Kb / 13P
150W Pr ogrammable IP67 Driver
Rev. D
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
EUK-200SXXXDV INVENTRONICS-EUK-200SXXXDV Datasheet
2Mb / 14P
200W Pr ogrammable IP67 Driver
Rev.D
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com