Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1891111 Datasheet (PDF) - PHOENIX CONTACT

1891111 Datasheet PDF - PHOENIX CONTACT
No. de pieza 1891111
Descarga  1891111 Descarga
Tamaño del archivo   343.79 Kbytes
Page   11 Pages
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Descripción Electrónicos FK-MPT 0,5/ 7-3,5 - PCB terminal block

1891111 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1891111 Datasheet PDF - PHOENIX CONTACT

No. de pieza 1891111
Descarga  1891111 Click to download

Tamaño del archivo   343.79 Kbytes
Page   11 Pages
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Descripción Electrónicos FK-MPT 0,5/ 7-3,5 - PCB terminal block

1891111 Datasheet (HTML) - PHOENIX CONTACT


1891111 Detalles de producto

PCB terminal block, nominal current: 4 A, rated voltage (III/2): 250 V, nominal cross section: 0.5
mm2, number of potentials: 7, number of rows: 1, number of positions per row: 7, product range:
FK-MPT 0,5/..-V, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Potentials can be easily looped through – ideal for BUS applications
• Small component size for applications where space is at a premium
• Vertical connection enables multi-row arrangement on the PCB




Número de pieza similar - 1891111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
1891110000 WEIDMULLER-1891110000 Datasheet
393Kb / 5P
SLD 3.50 V/26/180F 3.2 SN OR BX
logo
Winchester Electronics ...
1891115S5K5555 WINCHESTER-1891115S5K5555 Datasheet
47Kb / 1P
OUTLINE, D-SUB
1891115S8A4338 WINCHESTER-1891115S8A4338 Datasheet
47Kb / 1P
OUTLINE, D-SUB
1891115S8K5555 WINCHESTER-1891115S8K5555 Datasheet
93Kb / 1P
D-SUB SHIELDED SOCKET CONNECTOR WITH C-PRESS SOCKET CONTACTS WITH STANDOFFS (RoHS WITH EXEMPTION)
More results


Descripción similar - 1891111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1891085 PHOENIX-1891085 Datasheet
87Kb / 5P
PCB terminal block - FK-MPT 0,5/ 4-3,5
1891140 PHOENIX-1891140 Datasheet
118Kb / 7P
PCB terminal block - FK-MPT 0,5/10-3,5
1928770 PHOENIX-1928770 Datasheet
131Kb / 6P
PCB terminal block - FK-MPT 0,5/ 3-3,5-H
1913921 PHOENIX-1913921 Datasheet
107Kb / 6P
PCB terminal block - FK-MPT 0,5/ 2-ST-3,5
1913934 PHOENIX-1913934 Datasheet
107Kb / 6P
PCB terminal block - FK-MPT 0,5/ 3-ST-3,5
1931945 PHOENIX-1931945 Datasheet
97Kb / 3P
PCB terminal block - FK-MPT 0,5/13-3,5 (VPE500)
11/05/2018
1891069 PHOENIX-1891069 Datasheet
383Kb / 11P
PCB terminal block - FK-MPT 0,5/ 2-3,5
Jan 10, 2023
1891098 PHOENIX-1891098 Datasheet
388Kb / 11P
PCB terminal block - FK-MPT 0,5/ 5-3,5
Jan 10, 2023
1891153 PHOENIX-1891153 Datasheet
354Kb / 11P
FK-MPT 0,5/11-3,5 - PCB terminal block
1891182 PHOENIX-1891182 Datasheet
355Kb / 11P
FK-MPT 0,5/14-3,5 - PCB terminal block
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com