Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

6831442 Datasheet (PDF) - Turck, Inc.

6831442 Datasheet PDF - Turck, Inc.
No. de pieza 6831442
Descarga  6831442 Descarga
Tamaño del archivo   102.17 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Pressure Transmitter – With Current Output (2-Wire)

6831442 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
6831442 Datasheet PDF - Turck, Inc.

No. de pieza 6831442
Descarga  6831442 Click to download

Tamaño del archivo   102.17 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Pressure Transmitter – With Current Output (2-Wire)

6831442 Datasheet (HTML) - Turck, Inc.


6831442 Detalles de producto

Features
■Compact and robust design
■Pressure connection with integrated peak
pressure aperture
■Accuracy hardly affected by temperature
within entire range ‐40…+125°C
■Excellent EMC properties
■Patented medium stop system, leakage
protection in case of a burst
■Pressure range 0…60 bar
Functional principle
The pressure transmitters of the PT…-1
series operate with piezo-resistive ceramic
measuring cells. The ceramic diaphragm
is unbalanced in proportion to the pressure
applied. Depending on the sensor type used,
the processed signal is provided as an analog
output signal 4…20mA (2‐wire) or 0…10V (3‐
wire).




Número de pieza similar - 6831442

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
6831440 TURCK-6831440 Datasheet
102Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
6831441 TURCK-6831441 Datasheet
102Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
6831443 TURCK-6831443 Datasheet
102Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
6831444 TURCK-6831444 Datasheet
102Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
6831445 TURCK-6831445 Datasheet
102Kb / 4P
Pressure Transmitter – With Current Output (2-Wire)
11/08/2023
More results


Descripción similar - 6831442

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
95Kb / 10P
2-Wire, Current Output Temperature Transducer
August 1997
AD590 INTERSIL-AD590_02 Datasheet
334Kb / 10P
2-Wire, Current Output Temperature Transducer
January 2002
logo
List of Unclassifed Man...
JH240 ETC1-JH240 Datasheet
215Kb / 2P
2-WIRE RTD TRANSMITTER
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
logo
Renesas Technology Corp
AD590 RENESAS-AD590 Datasheet
631Kb / 10P
2-Wire, Current Output Temperature Transducer
January 2002
logo
WOLFSPEED, INC.
AMS3011 WOLFSPEED-AMS3011 Datasheet
511Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
April 2016 Rev. 1.0
AMS4710 WOLFSPEED-AMS4710 Datasheet
610Kb / 8P
Miniaturized pressure transmitter with analog 0 ... 10 V output
March 2020 Rev. 1.0
AMS4711 WOLFSPEED-AMS4711 Datasheet
539Kb / 8P
Miniaturized pressure transmitter with 0 .. 5 V output
March 2015 Rev. 4.0
AMS4712 WOLFSPEED-AMS4712 Datasheet
607Kb / 8P
Miniaturized pressure transmitter with 4 .. 20 mA output
March 2015 Rev. 4.0
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com