Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

6884005 Datasheet (PDF) - Turck, Inc.

6884005 Datasheet PDF - Turck, Inc.
No. de pieza 6884005
Descarga  6884005 Descarga
Tamaño del archivo   618.96 Kbytes
Page   2 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos excom I/O System Input Module, Analog, Passive, HART, 4-channel

6884005 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
6884005 Datasheet PDF - Turck, Inc.

No. de pieza 6884005
Descarga  6884005 Click to download

Tamaño del archivo   618.96 Kbytes
Page   2 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos excom I/O System Input Module, Analog, Passive, HART, 4-channel

6884005 Datasheet (HTML) - Turck, Inc.


6884005 Detalles de producto

The input module AIH41Ex is used for the
connection of 4-wire transducers (passive input = sink mode / transducer active).
The module features protection class Ex ib IIC
and can be mounted in zone 1 in combination
with excom. The ignition protection type of the
inputs is Ex ia IIC.
The inputs are not galvanically isolated from
each other. When connecting the field devices, care has to be taken that all outputs are
on the same potential.
HART-compatible sensors can be connected
to the module; these will communicate with
the HART controller.

The resolution is 1 µA per digit, i.e. the analog
value between 0…21 mA is represented as a
number between 0 and 16383. For clear reading, the digitized value is displayed in a range
of 0 … 21000 and transmitted to the host system.
Up to 8 HART variables (max. 4 per channel)
can be read via the cyclical PROFIBUS data
traffic. The bidirectional exchange of variables
between the host system and the HART transmitter is implemented via PROFIBUS-DPV1.
Setting the parameters, such as wire-break/
short-circuit monitoring, measuring range,
HART communication, etc., can be carried out
channel-by-channel and is initiated exclusively
by the PROFIBUS master.

■ Input module for connection of 4-wire
transmitters
■ Transmission of HART data




Número de pieza similar - 6884005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
6884000 TURCK-6884000 Datasheet
385Kb / 3P
excom I/O System Input Module, Temperature, 4-channel
2024-04-04
6884001 TURCK-6884001 Datasheet
576Kb / 3P
excom I/O System Input Module, Analog, Active, HART, 4-channel
2023-07-21
6884003 TURCK-6884003 Datasheet
606Kb / 2P
excom I/O System Output Module, Analog, HART, 4-channel
2023-07-21
6884006 TURCK-6884006 Datasheet
395Kb / 3P
excom I/O System I/O Module, Digital, 8-channel
2024-04-04
More results


Descripción similar - 6884005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WAGO Kontakttechnik Gmb...
750-482 WAGO-750-482 Datasheet
485Kb / 13P
2-channel analog input; 4 ??20 mA HART
750-482-025-000 WAGO-750-482-025-000 Datasheet
521Kb / 12P
2-channel analog input; 4 ??20 mA HART; Ext. Temperature
753-482 WAGO-753-482 Datasheet
559Kb / 12P
2-channel analog input; 4 ... 20 mA HART
logo
Schneider Electric
140AMM09000 SCHNEIDER-140AMM09000 Datasheet
128Kb / 5P
analog input output module Modicon Quantum - 4 I - 2 O
Apr 18, 2022
logo
PHOENIX CONTACT
1052429 PHOENIX-1052429 Datasheet
460Kb / 7P
I/O module - AXL P AI8 HART 1F
12/24/2021
1087079 PHOENIX-1087079 Datasheet
497Kb / 7P
I/O module - AXL P AO4 HART 1F
12/24/2021
1087080 PHOENIX-1087080 Datasheet
435Kb / 7P
I/O module - AXL F AO4 HART XC 1F
12/24/2021
logo
Weidmuller
2009360000 WEIDMULLER-2009360000 Datasheet
733Kb / 12P
Remote I/O module, IP20, Digital signals, Input, 4- channel
03.02.2023
logo
Allen-Bradley
1734-OE4C ALLEN-BRADLEY-1734-OE4C Datasheet
1,014Kb / 15P
POINT I/O 4 Channel Analog Current Output Module
December 2018
logo
NHP Electrical Engineer...
1734SC-IE4CH NHP-1734SC-IE4CH Datasheet
427Kb / 1P
SC POINT I/O 4AI HART MODULE
18 May 2023,
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com