Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

7580330 Datasheet (PDF) - Turck, Inc.

7580330 Datasheet PDF - Turck, Inc.
No. de pieza 7580330
Descarga  7580330 Descarga
Tamaño del archivo   348.53 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Isolating transducer 1-channel

7580330 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
7580330 Datasheet PDF - Turck, Inc.

No. de pieza 7580330
Descarga  7580330 Click to download

Tamaño del archivo   348.53 Kbytes
Page   4 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Isolating transducer 1-channel

7580330 Datasheet (HTML) - Turck, Inc.


7580330 Detalles de producto

The IM12-AI01-1I-1IU1R-H… isolating transducers transmit the analog measured signal
in a galvanically isolated manner. In addition,
the devices monitor the input signals for exceeding or falling below an adjustable limit
value. The devices are suitable for operation
in Zone 2. Passive 2-wire transducers, as well
as active and passive HART transmitters, can
be used on the devices.
The IM12-AI01-1I-1IU1R-HPR/24VDC/CC isolating transducer is equipped with input circuits of 4…20 mA and output circuits of 4…
20 mA (either as source or sink) and 1…5 V
(source). Input signals are transmitted in the
3.8 mA…20.5 mA range 1:1 to the output
[A1A] without impairment. Alternatively, the input current signal is provided proportionally
as a normalized voltage in the 1 V…5 V range
(source) at output [A2A]. In addition, digital
signals can also be transmitted bidirectionally
in accordance with the HART protocol.
The input circuit is monitored for wire breaks
and short circuits. Via the Power-Bridge connection, the device can be supplied and a
group fault signal can be transmitted.
The devices are configured via DIP and rotary
coding switches on the device side. The analog output to be used (current output A1A or
voltage output A2A) as well as the switching
point (5…20 mA in 1-mA increments), the effective direction (NC/NO) and the switching
behavior of the relay output (A1D) when exceeding/falling below the set switching point
are adjustable.

The devices have a green power LED (Pwr).
Two red status LEDs are provided to indicate
wire breaks and short circuits, respectively, in the input circuit. A fault in the input circuit causes the red LED to flash according to
NE44. Two yellow status LEDs indicate the
switching status and the set effective direction of the relay output. In the event of a wire
break (< 3.5 mA) or short circuit (> 22 mA) in
the input circuit, a current value of < 3.5 mA
or a voltage value of < 0.875 V is output at the
analog output.
The device can be used in safety circuits up to
SIL 2 (high and low demand according to IEC
61508) (hardware fault tolerance HFT = 0).
The device is equipped with removable
spring-type terminals.

■ Isolating transducer
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ Removable spring type terminals
■ Power bridge (connector incl. in delivery)
■ Use in Zone 2
■ SIL 2




Número de pieza similar - 7580330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
7580331 TURCK-7580331 Datasheet
189Kb / 4P
Isolating transducer 1-channel
2023-07-21
7580332 TURCK-7580332 Datasheet
306Kb / 4P
Isolating transducer 1-channel
2023-07-21
7580333 TURCK-7580333 Datasheet
182Kb / 4P
Isolating transducer 1-channel
2023-07-21
7580334 TURCK-7580334 Datasheet
340Kb / 4P
Isolating transducer 1-channel
2023-07-21
7580335 TURCK-7580335 Datasheet
181Kb / 4P
Isolating transducer 1-channel
2023-07-21
More results


Descripción similar - 7580330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
ZIEHL industrie-elektro...
MU100U ZIEHL-MU100U Datasheet
795Kb / 2P
Universal-Measuring Transducer/ Isolating Amplifier Type MU100U
MU1000K ZIEHL-MU1000K Datasheet
320Kb / 1P
Universal-Measuring-Transducer MU1000K Temperature Pt 100 (RTD), DC Current and Voltage, Isolating Amplifier
MU1001K ZIEHL-MU1001K Datasheet
870Kb / 1P
Universal-Measuring-Transducer MU1001K DC Voltage, Isolating Amplifier
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com