Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CL3W-15 Datasheet (PDF) - Infinite Electronics International, Inc.

CL3W-15 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza CL3W-15
Descarga  CL3W-15 Descarga
Tamaño del archivo   130.29 Kbytes
Page   2 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos HyperLink Wireless brand Weatherproof 4 to 20 mA Current Loop Lightning and Surge Protectors

CL3W-15 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CL3W-15 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza CL3W-15
Descarga  CL3W-15 Click to download

Tamaño del archivo   130.29 Kbytes
Page   2 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos HyperLink Wireless brand Weatherproof 4 to 20 mA Current Loop Lightning and Surge Protectors

CL3W-15 Datasheet (HTML) - Infinite Electronics International, Inc.


CL3W-15 Detalles de producto

Applications
 4 to 20 mA sensors and controllers
 Industrial process control
 HART Street light controllers
 Toll booths, drawbridges, railroad crossing gates & signals
 Pulse input circuits

Features
 Protection for up to three pairs of lines plus
provisions for shielded cables
 Three-Stage protection
 Weatherproof ABS enclosure
 Removable screw terminal blocks
 Available in 12V, 15V and 24V models

Description
The AL-CL3W-xx series are high performance 3-stage weatherproof protectors that provide superior protection of
differential or common mode lines from transients and surges. These units will protect up to three 4-20 mA
circuits. Provisions for use with shielded cable are provided.
The first stage is comprised of a differential gas discharge tube. Stage two is a pair of current limiting series
resistors and the final stage is a low capacitance diode array. The use of three terminal differential gas discharge
tubes provides superior common and differential mode protection against conducted transients versus the use of
lower cost two terminal tubes. The second stage series resistance limits the power dissipation of the fast diode
clamp array in the third stage. This allows time for the slower but higher power gas tubes to flash over. The diode
array clamps the leading edge of fast transients to safe levels until the high power gas tubes turn on. This
eliminates the damaging leading edge spike that single stage gas tube
protectors let leak through. The diode array’s low capacitance assures that the
suppressor will not degrade the high-speed signals. The 3-stage design can
handle higher-level transients than a protector that uses only diodes.
Failsafe Feature
The AL-CL3W series is designed to convert into a failsafe mode in the rare case
of a catastrophic surge or lightning event. For this mode, the resistors in the
second stage will fuse and portions of the diode array will short. This
effectively disconnects the line from sensitive equipment thus limiting damage.
The units are factory repairable.




Número de pieza similar - CL3W-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
CL3W-12 L-COM-CL3W-12 Datasheet
130Kb / 2P
HyperLink Wireless brand Weatherproof 4 to 20 mA Current Loop Lightning and Surge Protectors
More results


Descripción similar - CL3W-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD421 AD-AD421 Datasheet
171Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV.C
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD7AST MSYSTEM-MD7AST Datasheet
127Kb / 4P
Lightning Surge Protectors for
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com