Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMHN515C13156F Datasheet (PDF) - Infinite Electronics International, Inc.

AMHN515C13156F Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza AMHN515C13156F
Descarga  AMHN515C13156F Descarga
Tamaño del archivo   93.72 Kbytes
Page   1 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos HG N5-15P to C13, Antimicrobe Jkt, 15 A

AMHN515C13156F Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AMHN515C13156F Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza AMHN515C13156F
Descarga  AMHN515C13156F Click to download

Tamaño del archivo   93.72 Kbytes
Page   1 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos HG N5-15P to C13, Antimicrobe Jkt, 15 A

AMHN515C13156F Datasheet (HTML) - Infinite Electronics International, Inc.


AMHN515C13156F Detalles de producto

UL FILE: E234956
RATING: 15A/250V
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)




Número de pieza similar - AMHN515C13156F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
AMHN515C131510F L-COM-AMHN515C131510F Datasheet
93Kb / 1P
HG N5-15P to C13, Antimicrobe Jkt, 15 A
04/25/2023
AMHN515C131515F L-COM-AMHN515C131515F Datasheet
117Kb / 1P
HG N5-15P TO C13, ANTIMICROBE JKT, 15 A
1/3/2024
AMHN515C13153F L-COM-AMHN515C13153F Datasheet
93Kb / 1P
HG N5-15P to C13, Antimicrobe Jkt, 15 A
04/25/2023
More results


Descripción similar - AMHN515C13156F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Assmann Electronics Inc...
A-PC2304-030028-1 ASSMANN-A-PC2304-030028-1 Datasheet
1Mb / 1P
5-15P TO 320C13
logo
PowerDynamics, Inc
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10084 POWERDYNAMICS-10084 Datasheet
57Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C13, RIGHT HANDED
10086 POWERDYNAMICS-10086 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13, LEFT HANDED
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
logo
Tripp Lite. All Rights ...
P006003 TRIPPLITE-P006003 Datasheet
485Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 3-ft
P006015 TRIPPLITE-P006015 Datasheet
499Kb / 2P
Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 15-ft
P006-015 TRIPPLITE-P006-015 Datasheet
172Kb / 2P
Desktop Computer AC Power Cable, NEMA 5-15P to C13 - 10A, 125V, 18 AWG, 15 ft., Black
P006-015-HG10 TRIPPLITE-P006-015-HG10 Datasheet
164Kb / 3P
Hospital-Grade Power Cord, NEMA 5-15P to C13 - Green Dot, 10A, 125V, 18 AWG, 15 ft. (4.57 m), Black
P006-015-HG13CL TRIPPLITE-P006-015-HG13CL Datasheet
164Kb / 3P
Hospital-Grade Power Cord, NEMA 5-15P to C13 - Green Dot, 13A, 125V, 16 AWG, 15 ft. (4.57 m), Clear Plugs
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com