| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Wurth Elektronik GmbH &... |
692901100000
|
390Kb / 2P |
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
|
|
692904100000
|
386Kb / 2P |
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
|
 List of Unclassifed Man... |
632905731122
|
343Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
|
632910731131
|
314Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
|
|
632910731731
|
320Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
|
|
MC000992
|
213Kb / 1P |
USB C Male to USB 3.1 A Male Cable 1m
|
 Wurth Elektronik GmbH &... |
632905731122
|
388Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
|
632910731131
|
360Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
|
|
632910731731
|
366Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
|
 List of Unclassifed Man... |
USBCM303M0USBAMWHR
|
479Kb / 6P |
USB A MALE to USB C MALE 3.0 56K Res, GT Cable
08/23/2022 |