Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

C4SMB Datasheet (PDF) - Cree LED

C4SMB Datasheet PDF - Cree LED
No. de pieza C4SMB
Descarga  C4SMB Descarga
Tamaño del archivo   749.11 Kbytes
Page   10 Pages
Fabricante Electrónico  CREELED [Cree LED]
Página de inicio  https://www.cree-led.com/
Logo CREELED - Cree LED
Descripción Electrónicos Screen Master® 4-mm Oval LEDs: C4SMB-RGY/GGY/BGY

C4SMB Datasheet (PDF)

Go To PDF Page Descarga Datasheet
C4SMB Datasheet PDF - Cree LED

No. de pieza C4SMB
Descarga  C4SMB Click to download

Tamaño del archivo   749.11 Kbytes
Page   10 Pages
Fabricante Electrónico  CREELED [Cree LED]
Página de inicio  https://www.cree-led.com/
Logo CREELED - Cree LED
Descripción Electrónicos Screen Master® 4-mm Oval LEDs: C4SMB-RGY/GGY/BGY

C4SMB Datasheet (HTML) - Cree LED


C4SMB Detalles de producto

FEATURES
• Size (mm): 4
• Color and Typical Dominant
Wavelength:
Red (621nm)
Green(524nm)
Blue(470nm)
• Luminous Intensity (mcd)
C4SMB-RGY: (1976-4600)@20mA
C4SMB-GGY: (5020-12000)@20mA
C4SMB-BGY: (934-2130)@20mA
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Full Color Video Screen
• Digital Billboards
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising Signs
• Petrol Signs




Número de pieza similar - C4SMB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
C4SMB-AGY CREE-C4SMB-AGY Datasheet
699Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
logo
Cree LED
C4SMB-AGY CREELED-C4SMB-AGY Datasheet
608Kb / 9P
Screen Master® 4-mm Oval LEDs: C4SMB-AGY
REV 3
logo
Cree, Inc
C4SMB-AGY-CU44Q341 CREE-C4SMB-AGY-CU44Q341 Datasheet
699Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-AGY-CU44Q342 CREE-C4SMB-AGY-CU44Q342 Datasheet
699Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-AGY-CU4W3251 CREE-C4SMB-AGY-CU4W3251 Datasheet
699Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
More results


Descripción similar - C4SMB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
More results




Sobre a Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com