Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LD8926AA1 Datasheet (PDF) - Leadtrend Technology

LD8926AA1 Datasheet PDF - Leadtrend Technology
No. de pieza LD8926AA1
Descarga  LD8926AA1 Descarga
Tamaño del archivo   556.17 Kbytes
Page   13 Pages
Fabricante Electrónico  LEADTREND [Leadtrend Technology]
Página de inicio  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Descripción Electrónicos Synchronous Rectification Driver with Green Mode Function

LD8926AA1 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LD8926AA1 Datasheet PDF - Leadtrend Technology

No. de pieza LD8926AA1
Descarga  LD8926AA1 Click to download

Tamaño del archivo   556.17 Kbytes
Page   13 Pages
Fabricante Electrónico  LEADTREND [Leadtrend Technology]
Página de inicio  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Descripción Electrónicos Synchronous Rectification Driver with Green Mode Function

LD8926AA1 Datasheet (HTML) - Leadtrend Technology


LD8926AA1 Detalles de producto

General Description
LD8926AA1 is a secondary side synchronous rectification
(SR) IC with drive element and MOSFET. It is suited for
flyback low side and high side synchronous rectification in
CCM, DCM and QR mode. In light load condition,
LD8926AA1 will enter green mode to reduce operation
current by stopping SR MOSFET driving function.
LD8926AA1 can generate its own supply voltage through
low output voltage or high side rectification applications to
charge battery.
To reduce assembly process, layout area, and production
cost, SR MOSFET and LD8926AA1 control core are
packaged in SOP-8.

Features
 Suited for low side and high side flyback synchronous
rectification in CCM, DCM and QR(valley lock) mode
 Suited for forward freewheeling rectification in CCM
and DCM
 Self-supplying for operation with low output voltage
and/or high–side rectification without an auxiliary
winding
 Suited for primary side with peak load function (max.
frequency 130kHz)
 Suited for PD application,
 VCC range from 3V to 6V
 Programmable turn-off level
 Fast turn-off total delay of 30ns
 200A ultra-low green mode operation current

Applications
 Switching AC/DC adaptor and battery charger
 Open frame switching power supply




Número de pieza similar - LD8926AA1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MRV Communications, Inc...
LD800-2AC MRV-LD800-2AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD800-2DC MRV-LD800-2DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD800-AC MRV-LD800-AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD800-DC MRV-LD800-DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
logo
LightKey Optoelectronic...
LD80011AD LIGHTKEY-LD80011AD Datasheet
144Kb / 3P
8 inch Large Assembly 7 Segment LED Display
More results


Descripción similar - LD8926AA1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
Synchronous Rectification
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
STMicroelectronics
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
Synchronous rectification
01-Jul-2009
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
Synchronous rectification
18-Sep-2008
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
Synchronous rectification
28-Feb-2011
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
Synchronous rectification
22-May-2013
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Renesas Technology Corp
HIP2106A RENESAS-HIP2106A Datasheet
242Kb / 2P
Low Voltage Driver for Synchronous Rectification
HIP2105 RENESAS-HIP2105 Datasheet
996Kb / 17P
Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com