Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AWR2944LC Datasheet (PDF) - Texas Instruments

AWR2944LC Datasheet PDF - Texas Instruments
No. de pieza AWR2944LC
Descarga  AWR2944LC Descarga
Tamaño del archivo   2258.28 Kbytes
Page   94 Pages
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments
Descripción Electrónicos AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor

AWR2944LC Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AWR2944LC Datasheet PDF - Texas Instruments

No. de pieza AWR2944LC
Descarga  AWR2944LC Click to download

Tamaño del archivo   2258.28 Kbytes
Page   94 Pages
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments
Descripción Electrónicos AWR2943/AWR2944 Single-Chip 76 to 81GHz FMCW Radar Sensor

AWR2944LC Datasheet (HTML) - Texas Instruments


AWR2944LC Detalles de producto

1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband
and ADC
– 76 to 81GHz coverage with over 4GHz
continuous bandwidth
– 4 receive and 3 – 4 transmit channels
(AWR2943 with 3 channels and AWR2944 with
4 channels) for PCB interface to antennas
– Per transmit phase shifter
– Ultra-accurate chirp engine based on fractional-
N PLL
– TX power
• 13.5dBm
– RX noise figure
• 12dBm
– Phase noise at 1MHz
• -96dBc/Hz (76 to 77GHz)
• -95dBc/Hz (76 to 81GHz)
• Built-in calibration and self-test
– Built in firmware (ROM)
– Self-calibrating system across process and
temperature
• Processing elements
– Arm® Cortex-R5F® core (supports lock step
operation) @300MHz
– TI digital signal processor C66x @360MHz
(AWR2944/AWR2943)
– TI radar hardware accelerator (HWA2.1) for
operations like FFT, log magnitude, and
memory compression.
– Multiple EDMA instances for data movement
• Host interface
– 2x CAN-FD
– 10/100Mbps RGMII/RMII/MII Ethernet
(AWR2944/AWR2943)
• Supports a serial flash memory interface (loading
user application from QSPI flash memory)
• Other interfaces available to user application
– Up to 9 ADC channels
– 2 SPIs
– 4 UARTs
– I2C
– GPIOs
– 3 EPWMs
– 4-lane Aurora LVDS interface for raw ADC
data and debug instrumentation (AWR2944/
AWR2943)
– CSI2 Rx interface to enable playback of the
captured data (AWR2944/AWR2943)
• On-Chip RAM
– 3 to 4MBytes (AWR2944LC with 3MB,
AWR2943 with 3.5MB, and AWR2944 with
4MB)
– Memory space split between DSP, MCU, and
shared L3
• Device security (on select part numbers)
– Programmable embedded hardware security
module (HSM)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), asymmetric keys (up to RSA-4K
or ECC-512) with key revocation capability
– Cryptographic hardware accelerators: PKA with
ECC, AES (up to 256 bit), SHA (up to 512 bit),
TRNG/DRBG
• Functional safety compliant targeted
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Hardware integrity up to ASIL B targeted
• AEC-Q100 qualified
• Advanced features
– Embedded self-monitoring with no external
processor involvement
– Embedded interference detection capability
• Power management
– On-die LDO network for enhanced PSRR
– LVCMOS IO supports dual voltage 3.3V and
1.8V
• Clock source
– 40MHz crystal with internal oscillator
– Supports external oscillator at 40MHz
– Supports externally driven clock (square or sine
wave) at 40MHz
• Effective Power Management
– Recommended LP87745-Q1 Power
Management ICs (PMIC)
• Companion PMIC specially designed to
meet device power supply requirements
• Flexible mapping and factory programmed
configurations to support different use cases
• Cost-reduced hardware design
– 0.65mm pitch, 12mm × 12mm flip chip BGA
package for easy assembly and low-cost PCB
design
– Small solution size
• Supports automotive temperature operating range
– Operating junction temperature range: –40°C to
140°C

2 Applications
• Lane change assist
• Blind spot detection
• Automatic emergency braking
• Adaptive cruise control
• Cross traffic alert

3 Description
The AWR294x is a single-chip mmWave sensor composed of a FMCW transceiver, capable of operation in the
76 to 81GHz band, radar data processing elements, and peripherals for in-vehicle networking. The AWR294x
is built with TI’s low-power 45nm RFCMOS process and enables unprecedented levels of integration in a small
form factor and minimal BOM. The AWR294x is a device for low-power, self-monitored, ultra-accurate radar
systems in the automotive space.
TI’s low-power 45nm RFCMOS process enables a monolithic implementation of a 3-4 TX, 4 RX system
with integrated PLL, VCO, mixer, and baseband ADC. Integrated in the DSP subsystem (DSS), is TI's highperformance
C66x DSP for radar signal processing. The device includes a Radio Processor Subsystem (RSS),
which is responsible for radar front-end configuration, control, and calibration. Within the Main Subsystem
(MSS), the device implements a user-programmable Arm Cortex-R5F processor allowing for custom control
and automotive interface applications. The hardware accelerator block (HWA 2.1) supplements the DSS and
MSS by offloading common radar processing such as FFT, constant false alarm rate (CFAR), scaling, and
compression. This saves MIPS on the DSS and MSS, opening up resources for custom applications and
higher-level algorithms.
A Hardware Security Module (HSM) is also provisioned in the device (available for only secure part variants).
The HSM consists of a programmable Arm Cortex-M4 core and the necessary infrastructure to provide a secure
zone of operation within the device.
Simple programming model changes can enable a wide variety of sensor implementation (Short, Mid, Long) with
the possibility of dynamic reconfiguration for implementing a multimode sensor.




Número de pieza similar - AWR2944LC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AWR2944LC TI2-AWR2944LC Datasheet
1Mb / 93P
AWR2944P/AWR2E44P/AWR2944-ECO/AWR2E44-ECO/AWR2944LC/AWR2E44LC Single-Chip 76 to 81GHz FMCW Automotive Radar Sensor
REVISED JUNE 2025
More results


Descripción similar - AWR2944LC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
IWR1843 TI1-IWR1843 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2944 TI-AWR2944 Datasheet
2Mb / 93P
AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
SWRS273 ??NOVEMBER 2021
IWR1843 TI-IWR1843_V01 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
SEPTEMBER 2019
AWR2943 TI-AWR2943 Datasheet
1Mb / 98P
AWR2943/44 Single-Chip 76- and 81-GHz FMCW Radar Sensor
REVISED MARCH 2023
More results




Sobre a Texas Instruments


Texas Instruments (TI) es una empresa que cotiza en bolsa que diseña y fabrica productos de tecnología de semiconductores y computadoras.

Fue fundada en 1930 y tiene su sede en Dallas, Texas.

TI es un líder global en la producción de circuitos integrados de procesamiento de señales analógicos y digitales (DSP), así como procesadores integrados y otros productos de microcontroladores.

La compañía atiende a clientes en una variedad de industrias, incluidas automotriz, comunicaciones, informática, industrial y electrónica de consumo.

La cartera de productos de TI incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y soluciones de conectividad inalámbrica, entre otras.

TI está comprometido con la innovación y la satisfacción del cliente, y tiene una larga historia de entrega de productos confiables de alta calidad a sus clientes.

Con un enfoque en la sostenibilidad y la eficiencia energética, TI se dedica a tener un impacto positivo en el mundo a través de su tecnología y productos.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com