Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

346-005-520-104 Datasheet (PDF) - EDAC, All Rights Reserved.

346-005-520-104 Datasheet PDF - EDAC, All Rights Reserved.
No. de pieza 346-005-520-104
Descarga  346-005-520-104 Descarga
Tamaño del archivo   83.75 Kbytes
Page   2 Pages
Fabricante Electrónico  EDAC [EDAC, All Rights Reserved.]
Página de inicio  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Descripción Electrónicos 346 Series,Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height

346-005-520-104 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
346-005-520-104 Datasheet PDF - EDAC, All Rights Reserved.

No. de pieza 346-005-520-104
Descarga  346-005-520-104 Click to download

Tamaño del archivo   83.75 Kbytes
Page   2 Pages
Fabricante Electrónico  EDAC [EDAC, All Rights Reserved.]
Página de inicio  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Descripción Electrónicos 346 Series,Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height

346-005-520-104 Datasheet (HTML) - EDAC, All Rights Reserved.


346-005-520-104 Detalles de producto

Features


  • .125" (3.175mm) Contact Spacing x .250" (6.35mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • High Profile Insulator Body, .600" (15.24mm)

  • Contact Termination Options include P.C. Tail, Wire Wrap, 90 Degree Bends and Extender Board Bends

  • Single or Dual Row Configurations

  • Large Variety of Mounting Options, Flush or Offset Lugs

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • Automatic Wire Wrap Positioning Holes

  • RoHS Compliant & UL Certified




Número de pieza similar - 346-005-520-104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EDAC, All Rights Reserv...
346-005-520-104 EDAC-346-005-520-104 Datasheet
276Kb / 3P
346 Series Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
346-005-520-104 EDAC-346-005-520-104 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
More results


Descripción similar - 346-005-520-104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EDAC, All Rights Reserv...
746-005-525-101 EDAC-746-005-525-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-525-106 EDAC-746-005-525-106 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-540-501 EDAC-746-005-540-501 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-101 EDAC-746-005-541-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-106 EDAC-746-005-541-106 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-501 EDAC-746-005-541-501 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-545-101 EDAC-746-005-545-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
346-SERIES EDAC-346-SERIES Datasheet
276Kb / 3P
346 Series Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
396-SERIES EDAC-396-SERIES Datasheet
276Kb / 3P
396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
846-SERIES EDAC-846-SERIES Datasheet
274Kb / 3P
846 Series High Temp Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com