Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2659GQ Datasheet (PDF) - Monolithic Power Systems

MP2659GQ Datasheet PDF - Monolithic Power Systems
No. de pieza MP2659GQ
Descarga  MP2659GQ Descarga
Tamaño del archivo   638.67 Kbytes
Page   22 Pages
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Descripción Electrónicos 36V, Standalone Switching Charger with Integrated MOSFETs for 3-Cell to 6-Cell Series Battery Pack

MP2659GQ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MP2659GQ Datasheet PDF - Monolithic Power Systems

No. de pieza MP2659GQ
Descarga  MP2659GQ Click to download

Tamaño del archivo   638.67 Kbytes
Page   22 Pages
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Descripción Electrónicos 36V, Standalone Switching Charger with Integrated MOSFETs for 3-Cell to 6-Cell Series Battery Pack

MP2659GQ Datasheet (HTML) - Monolithic Power Systems


MP2659GQ Detalles de producto

DESCRIPTION
The MP2659 is a highly integrated switching
charger designed for portable devices with 3-cell
to 6-cell series Li-ion or Li-polymer battery packs.
The device achieves up to 3A of charge current
with different battery regulation voltages.
The device operates under a maximum 36V DC
input voltage and hold-off up to 45V. When an
input power supply is present, the MP2659
charges the battery with three phases: precharge, constant current charge, and constant
voltage charge.
Power management is based on the input
current and input voltage. If the input current
exceeds the preset input current limit, or the
input voltage decreases to the preset input
voltage limit, the MP2659 automatically
decreases the charge current to protect the input
power supply from overload.
To guarantee safe operation, the MP2659 offers
robust protection features such as battery overvoltage protection, battery temperature sensing
and protection, thermal shutdown, and a
charging safety timer.
The MP2659 is available in a QFN-19
(3mmx3mm) package.

FEATURES
• Up to 36V Operating Input Voltage
• 45V Max Sustainable Voltage when Not
Switching
• Up to 3A Charge Current
• 3-Cell to 6-Cell Series with 3.6V/4.2V/4.35V
/4.15V Battery Regulation Voltage for Each
Cell
• 0.5% Battery Regulation Voltage Accuracy
• Integrated Input Current Sensing and
Reverse Blocking FET
• Internal Loop Compensation
• Input Current Limit Regulation
• Minimum Input Voltage Regulation
• Charge Operation Indicator
• Dead Battery Pack Recovery
• Battery Over-Voltage Protection
• Charge Safety Timer
• Battery NTC Thermal Monitor
• Available in a QFN-19 (3mmx3mm)
Package

APPLICATIONS
• Industrial Medical Equipment
• Power Tools
• Robots and Portable Vacuum Cleaners
• Wireless Speakers




Número de pieza similar - MP2659GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023DQ MPS-MP26023DQ Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028EQ MPS-MP26028EQ Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Descripción similar - MP2659GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
CN3763 CONSONANCE-CN3763 Datasheet
211Kb / 11P
Standalone 3-Cell Li-ion Battery Charger
logo
Renesas Technology Corp
ISL94202 RENESAS-ISL94202_V01 Datasheet
1Mb / 153P
Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com