Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2888AGU Datasheet (PDF) - Monolithic Power Systems

MP2888AGU Datasheet PDF - Monolithic Power Systems
No. de pieza MP2888AGU
Descarga  MP2888AGU Descarga
Tamaño del archivo   4193.75 Kbytes
Page   113 Pages
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Descripción Electrónicos Digital, Multi-Phase PWM Controller with PMBus and PWM-VID

MP2888AGU Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MP2888AGU Datasheet PDF - Monolithic Power Systems

No. de pieza MP2888AGU
Descarga  MP2888AGU Click to download

Tamaño del archivo   4193.75 Kbytes
Page   113 Pages
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Descripción Electrónicos Digital, Multi-Phase PWM Controller with PMBus and PWM-VID

MP2888AGU Datasheet (HTML) - Monolithic Power Systems


MP2888AGU Detalles de producto

DESCRIPTION
The MP2888A is a digital, multi-phase, pulsewidth modulation (PWM) controller with digital
PWM-VID interface compatible with NVIDIA’s
Open VReg specification. The MP2888A can
work with MPS’s Intelli-Phase products to
complete the multi-phase voltage regulator (VR)
solution with minimal external components. The
MP2888A can be configured with up to 10-
phase operation.
The MP2888A provides an on-chip EEPROM to
store and restore device configurations. Device
configurations and fault parameters can be
easily programmed or monitored via the
PMBus/I2C interface. The MP2888A can
monitor and report the output current through
the CS output from the Intelli-Phase products.
The MP2888A is based on a unique, digital,
multi-phase, non-linear control and provides
fast transient response to the load transient with
minimal output capacitors. With only one
power-loop control method for both steady state
and load transient, the power loop
compensation is very easy to configure.
The MP2888A is available in a QFN-40
(5mmx5mm) package.

FEATURES
 Programmable Multi-Phase up to 10 Phases
 PWM-VID Interface Compatible with NVIDIA
Open VReg Specification
 PMBus/I2C Compliant (1MHz Bus Speed)
 Pin Programmable for PMBus Address
 Built-In EEPROM to Store Custom
Configurations
 Switching Frequency Range 200kHz to
5MHz
 Automatic Loop Compensation
 Fewer External Components than
Conventional Analog Controller
 Best Transient Performance with NonLinear Digital Control
 Flexible Phase Assignment
 Auto-Phase Shedding to Improve Overall
Efficiency
 Phase-to-Phase Active Current Balancing
with Programmable Offsets for Thermal
Balance
 Output Voltage/Current, Input Voltage/
Power Monitoring
 Regulator Temperature Monitoring
 VIN UVLO, Output OVP/UVP, OCP, OTP
with No Action, Latch, Retry, or Hiccup
Mode Options
 Detecting for Intelli-Phase MOSFET Fault
Type and Auto-Record to EEPROM
 Register Map Password Lock
 Digital Load-Line Regulation
 Available in an RoHS Compliant QFN-40
(5mmx5mm) Package

APPLICATIONS
 Graphic Card Core Power
 Server Core Power
 Telecom and Networking Systems
 Base Stations




Número de pieza similar - MP2888AGU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP2884A MPS-MP2884A Datasheet
5Mb / 107P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.01
MP2884AGU MPS-MP2884AGU Datasheet
5Mb / 107P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.01
MP2886A MPS-MP2886A Datasheet
2Mb / 113P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.0 1/21/2019
MP2886AGU-XXXX MPS-MP2886AGU-XXXX Datasheet
2Mb / 113P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.0 1/21/2019
More results


Descripción similar - MP2888AGU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
DS8813D RICHTEK-DS8813D Datasheet
359Kb / 23P
Multi-Phase PWM Controller with PWM-VID Reference
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
logo
Richtek Technology Corp...
RT8816C RICHTEK-RT8816C Datasheet
374Kb / 23P
Dual-Phase PWM Controller with PWM-VID Reference
January 2021
RT8820A RICHTEK-RT8820A Datasheet
361Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
February 2020
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
Multi-Phase PWM Controller with PWM-VID Reference
January 2021
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
RT8816A RICHTEK-RT8816A Datasheet
352Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
March 2022
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com