Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SGM40666AS Datasheet (PDF) - SG Micro Corp

SGM40666AS Datasheet PDF - SG Micro Corp
No. de pieza SGM40666AS
Descarga  SGM40666AS Descarga
Tamaño del archivo   801.01 Kbytes
Page   14 Pages
Fabricante Electrónico  SGMICRO [SG Micro Corp]
Página de inicio  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Descripción Electrónicos High-Current Over-Voltage Protector

SGM40666AS Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SGM40666AS Datasheet PDF - SG Micro Corp

No. de pieza SGM40666AS
Descarga  SGM40666AS Click to download

Tamaño del archivo   801.01 Kbytes
Page   14 Pages
Fabricante Electrónico  SGMICRO [SG Micro Corp]
Página de inicio  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Descripción Electrónicos High-Current Over-Voltage Protector

SGM40666AS Datasheet (HTML) - SG Micro Corp


SGM40666AS Detalles de producto

GENERAL DESCRIPTION
The SGM40666AS and SGM40666BS are over-voltage
protection devices designed to protect low voltage
systems from damage with a high voltage supply up to
+31VDC and +40VPEAK (10s with 50mA current limit).
The SGM40666AS withstands +90V/-400V while the
SGM40666BS can also withstand surges up to +80V/
-400V without damage.
The integrated 27mΩ (TYP) RON FET allows it to pass
through 4.5A continuous current. The FET is turned off
when the input voltage exceeds the over-voltage
threshold, which can be adjusted between 4V and 22V
with the optional external resistors.
When the OVLO input is set below the external OVLO
select threshold (0.26V TYP), the SGM40666AS and
SGM40666BS automatically choose the internal trip
thresholds that are preset to 6.79V typically. SGMICRO
provides customized OVP threshold options for
22.2V/15.3V/10.5V/6.35V/5.95V. Please contact us if
necessary.
The open-drain output (nACOK) indicates a stable
power supply between minimum VIN and VOVLO.
The SGM40666AS and SGM40666BS are available in
a Green WLCSP-1.65×1.24-12B package.

FEATURES
● Wide Power Supply Voltage Range: 2.5V to 28V
● Input Voltage up to 40V with 50mA Current Limit
for 10s Duration
● Integrated Switch On-Resistance: 27mΩ (TYP)
● Wide Adjustable OVLO Threshold Range:
4V to 22V
● Internal Over-Voltage Protection Threshold:
6.79V (TYP)
● Surge Immunity
 SGM40666AS: Up to +90V/-400V Surge
Immunity
 SGM40666BS: Up to +80V/-400V Surge
Immunity
● 32.3V Clamping Circuit Trigger Threshold when
Rising Slope > 4.5V/μs (SGM40666AS)
● 45V Clamping Circuit Trigger Threshold
(SGM40666BS)
● Over-Voltage Shutdown Response: 50ns (TYP)
● Start-Up Debounce Time: 16.5ms
● Soft-Start Function
● Enable Function
● Thermal Shutdown Protection
● Power Good Flag
● Available in a Green WLCSP-1.65×1.24-12B
Package

APPLICATIONS
Battery Charging Ports
Mobile Phones
Tablet Computers




Número de pieza similar - SGM40666AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SG Micro Corp
SGM40666AS SGMICRO-SGM40666AS Datasheet
801Kb / 14P
High-Current Over-Voltage Protector
MAY 2024 - REV. A. 1
More results


Descripción similar - SGM40666AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
Texas Instruments
BQ24351 TI-BQ24351 Datasheet
1Mb / 18P
Over-Voltage and Over-Current Charger
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
Over current, Over Voltage Protection
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
Over current, Over Voltage Protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
Over Current Voltage Protection
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
input surge current, over voltage, over load, and over current protections
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
ETA SOLUTIONS CO. LIMIT...
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com