Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KK75232N Datasheet (PDF) - KODENSHI_AUK CORP.

KK75232N Datasheet PDF - KODENSHI_AUK CORP.
No. de pieza KK75232N
Descarga  KK75232N Descarga
Tamaño del archivo   438.3 Kbytes
Page   6 Pages
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Descripción Electrónicos EIA-232-D INTERFACE 1 CHIP IC

KK75232N Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KK75232N Datasheet PDF - KODENSHI_AUK CORP.

No. de pieza KK75232N
Descarga  KK75232N Click to download

Tamaño del archivo   438.3 Kbytes
Page   6 Pages
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Descripción Electrónicos EIA-232-D INTERFACE 1 CHIP IC

KK75232N Datasheet (HTML) - KODENSHI_AUK CORP.


KK75232N Detalles de producto

Description

The KK75232N, KK75232D are monolithic device containing 3 independent drives and 5 receivers. These are designed to interface between date terminal equipment and date communication equipment as designed by EIA-232-D.



Features

• Meets standard EIA-232-D (Revision of RS-232-C)

• Designed to Support Data Rate up to 120kbps

• Drivers

- Current Limited Output 10 mA Typical

- Power-off Output Impedance 300 Ω Min

- Slew Rate Control by Load Capacitor

- Flexible Supply Voltage Range

- Input Compatible with Most TTL and DTL Circuits

• Receivers

- Input Resistance 3 kΩ to 7 kΩ

- Input Signal Range ± 30 V

- Built-in Input Hysteresis (Double Threshold)

• 20 DIP/SO20: МS-001AD (KK75232N) / МS-013AС (KK75232D)




Número de pieza similar - KK75232N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SanRex Corporation
KK70F120 SANREX-KK70F120 Datasheet
117Kb / 2P
THRISTOR MODULE
KK70F160 SANREX-KK70F160 Datasheet
117Kb / 2P
THRISTOR MODULE
KK70F40 SANREX-KK70F40 Datasheet
117Kb / 2P
THRISTOR MODULE
KK70F80 SANREX-KK70F80 Datasheet
117Kb / 2P
THRISTOR MODULE
logo
KODENSHI_AUK CORP.
KK7100 KODENSHI-KK7100 Datasheet
334Kb / 7P
AUTOMOTIVE DIGITAL CLOCK IC
More results


Descripción similar - KK75232N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
Texas Instruments
LT1039 TI-LT1039 Datasheet
76Kb / 7P
TRIPLE EIA-232 LINE TRANSCEIVER
logo
Integral Corp.
IN75232 INTEGRAL-IN75232 Datasheet
35Kb / 3P
EIA-232-D INTERFACE 1 CHIP IC
IL75232N INTEGRAL-IL75232N Datasheet
192Kb / 6P
EIA-232-D INTERFACE 1 CHIP IC
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Texas Instruments
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
logo
C&D Technologies
NM232DDC CANDD-NM232DDC Datasheet
645Kb / 5P
Isolated Dual EIA-232-D Transmitter and Receiver
logo
Murata Manufacturing Co...
KII_NM232DD MURATA-KII_NM232DD Datasheet
158Kb / 5P
Isolated Dual EIA-232-D Transmitter and Receiver
logo
Texas Instruments
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
DUAL EIA-232 DRIVERS/RECEIVERS
LT1039 TI1-LT1039_08 Datasheet
92Kb / 7P
TRIPLE EIA-232 LINE TRANSCEIVER
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com