Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CC2340R53N0RKPR Datasheet (PDF) - Texas Instruments

CC2340R53N0RKPR Datasheet PDF - Texas Instruments
No. de pieza CC2340R53N0RKPR
Descarga  CC2340R53N0RKPR Descarga
Tamaño del archivo   3985.09 Kbytes
Page   78 Pages
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments
Descripción Electrónicos CC2340R SimpleLink™ Family of 2.4GHz Wireless MCUs

CC2340R53N0RKPR Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CC2340R53N0RKPR Datasheet PDF - Texas Instruments

No. de pieza CC2340R53N0RKPR
Descarga  CC2340R53N0RKPR Click to download

Tamaño del archivo   3985.09 Kbytes
Page   78 Pages
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments
Descripción Electrónicos CC2340R SimpleLink™ Family of 2.4GHz Wireless MCUs

CC2340R53N0RKPR Datasheet (HTML) - Texas Instruments


CC2340R53N0RKPR Detalles de producto

1 Features
Wireless microcontroller
• Optimized 48MHz Arm® Cortex®-M0+ processor
• Up to 512KB of in-system programmable flash
• 12KB of ROM for bootloader and drivers
• Up to 64KB of ultra-low leakage SRAM. Full RAM
retention in standby mode
• 2.4GHz RF transceiver compatible with Bluetooth®
5.3 Low Energy and IEEE 802.15.4 PHY and MAC
• Integrated balun
• Supports over-the-air upgrade (OTA)
• Serial wire debug (SWD)
Low power consumption
• MCU consumption:
– 2.6mA active mode, CoreMark®
– 53μA/MHz running CoreMark®
– < 710nA standby mode on CC2340R52
– 165nA shutdown mode, wake-up on pin
• Radio consumption:
– 5.3mA RX
– 5.1mA TX at 0dBm
– < 11.0mA TX at +8dBm
Wireless protocol support
• Bluetooth® 5.3 Low Energy
• Zigbee®
• Thread
• Proprietary systems
High-performance radio
• –102dBm sensitivity for Bluetooth® Low Energy
125kbps
• –96.5dBm sensitivity for Bluetooth® Low Energy
1Mbps
• –98dBm sensitivity for IEEE 802.15.4 (2.4GHz)
• Output power up to +8dBm with temperature
compensation
Regulatory compliance
• Suitable for systems targeting compliance with
these standards:
– EN 300 328 (Europe)
– FCC CFR47 Part 15
– ARIB STD-T66 (Japan)
MCU peripherals
• Up to 26 I/O pads
– 2 IO pads SWD, muxed with GPIOs
– 2 IO pads LFXT, muxed with GPIOs
– Up to 22 DIOs (analog or digital IOs)
• Up to 3 × 16-bit and 1× 24-bit general-purpose
timers, quadrature decode mode support
• 12-bit ADC, 1.2Msps with external reference,
267ksps with internal reference, up to 12 external
ADC inputs
• 1× low power comparator
• 1× UART
• 1× SPI
• 1× I2C
• Real-time clock (RTC)
• Integrated temperature and battery monitor
• Watchdog timer
Security enablers
• AES 128-bit cryptographic accelerator
• Random number generator from on-chip analog
noise
Development tools and software
• LP-EM-CC2340R5 LaunchPad Development Kit
• SimpleLink™ Low Power F3 software
development kit
• SmartRF™ Studio for simple radio configuration
• SysConfig system configuration tool
Operating range
• On-chip buck DC/DC converter
• 1.71V to 3.8V single supply voltage
• Tj: –40°C up to +125°C
RoHS-compliant package
• 5mm × 5mm RKP QFN40
• 4mm × 4mm RGE QFN24
• 2.2mm × 2.6mm YBG WCSP (Preview)

2 Applications
• Medical
– Home healthcare – blood glucose monitors,
blood pressure monitor, CPAP machine,
electronic thermometer
– Patient monitoring and diagnostics – medical
sensor patches
– Personal care and fitness – electric toothbrush,
wearable fitness & activity monitor
• Building automation
– Building security systems – motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC – thermostat, wireless environmental
sensor
– Fire safety system – smoke and heat detector
– Video surveillance – IP network camera
• Lighting
– LED luminaire
– Lighting control – daylight sensor, lighting
sensor, wireless control
• Factory automation and control
• Retail automation & payment – electronic point of
sale
– Electronic shelf label
• Grid infrastructure
– Smart meters – water meter, gas meter,
electricity meter, and heat cost allocators
– Grid communications – wireless
communications – Long-range sensor
applications
– Other alternative energy – energy harvesting
• Communication equipment
– Wired networking
– wireless LAN or Wi-Fi access points, edge
router
• Personal electronics
– Connected peripherals – consumer wireless
module, pointing devices, keyboards and
keypads
– Gaming – electronic and robotic toys
– Wearables (non-medical) – smart trackers,
smart clothing

3 Description
The CC2340R SimpleLink™ family of devices are 2.4GHz wireless microcontrollers (MCUs), targeting
Bluetooth® 5.3 Low Energy, Zigbee, Thread, and Proprietary 2.4GHz applications. These devices are optimized
for low-power wireless communication with Over the Air Download (OAD) support in Building automation
(wireless sensors, lighting control, beacons), asset tracking, medical, retail EPOS (electronic point of sale),
ESL (electronic shelf), and Personal electronics (toys, HID, stylus pens) markets. Highlighted features of this
device include:
• Support for Bluetooth 5 features: high-speed mode (2Mbps PHY), long-range (LE Coded 125kbps and
500kbps PHYs), privacy 1.2.1 and channel selection algorithm #2, as well as backward compatibility and
support for key features from the Bluetooth 4.2 and earlier Low Energy specifications.
• Fully qualified Bluetooth 5.3 software protocol stack included with the SimpleLink™ Low Power F3 software
development kit (SDK)
• Zigbee® protocol stack support in the SimpleLink™ Low Power F3 software development kit (SDK)
• Thread protocol stack support in SIMPLELINK TI OPENTHREAD SDK (1)
• Ultra-low standby current less than 0.71μA with RTC operational and full RAM retention that enables
significant battery life extension, especially for applications with longer sleep intervals.
• Integrated balun for reduced bill-of-material (BOM) board layout
• Excellent radio sensitivity and robustness (selectivity and blocking) performance for Bluetooth Low Energy
(–102dBm for 125kbps LE Coded PHY, with integrated balun)
The CC2340R family is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth Low
Energy, Thread, Zigbee, Sub-1GHz MCUs, and host MCUs that all share a common, easy-to-use development
environment with a single-core software development kit (SDK) and rich tool set. A one-time integration of the
SimpleLink™ platform enables you to add any combination of the portfolio’s devices into your design, allowing
100 percent code reuse when your design requirements change. For more information, visit the SimpleLink™
MCU platform.




Número de pieza similar - CC2340R53N0RKPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CC2340R53-Q1 TI2-CC2340R53-Q1 Datasheet
2Mb / 61P
CC2340R5-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU
REVISED JULY 2025
CC2340R53E0WRHBRQ1 TI2-CC2340R53E0WRHBRQ1 Datasheet
2Mb / 61P
CC2340R5-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU
REVISED JULY 2025
More results


Descripción similar - CC2340R53N0RKPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
fujitsu semiconductor
MB9BF504RPMC FUJITSU-MB9BF504RPMC Datasheet
784Kb / 4P
Family of 32-bit MCUs
logo
RF Monolithics, Inc
HN-208 RFM-HN-208 Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
logo
Murata Manufacturing Co...
HN-208E MURATA-HN-208E Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
HN-208EX MURATA-HN-208EX Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
HN-208I MURATA-HN-208I Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
logo
Texas Instruments
CC3230S TI-CC3230S Datasheet
3Mb / 104P
CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
logo
Silicon Laboratories
EZR32WG SILABS-EZR32WG Datasheet
1Mb / 89P
EZR32WG Wireless MCUs
Rev. 2.1
logo
Texas Instruments
CC1354R10 TI1-CC1354R10 Datasheet
3Mb / 87P
CC1354R10 SimpleLink™ High-Performance Multi-Band Wireless MCU
REVISED JUNE 2023
More results




Sobre a Texas Instruments


Texas Instruments (TI) es una empresa que cotiza en bolsa que diseña y fabrica productos de tecnología de semiconductores y computadoras.

Fue fundada en 1930 y tiene su sede en Dallas, Texas.

TI es un líder global en la producción de circuitos integrados de procesamiento de señales analógicos y digitales (DSP), así como procesadores integrados y otros productos de microcontroladores.

La compañía atiende a clientes en una variedad de industrias, incluidas automotriz, comunicaciones, informática, industrial y electrónica de consumo.

La cartera de productos de TI incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y soluciones de conectividad inalámbrica, entre otras.

TI está comprometido con la innovación y la satisfacción del cliente, y tiene una larga historia de entrega de productos confiables de alta calidad a sus clientes.

Con un enfoque en la sostenibilidad y la eficiencia energética, TI se dedica a tener un impacto positivo en el mundo a través de su tecnología y productos.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com