Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX3222ECDB Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
MAX3222ECDB Datasheet PDF - Texas Instruments
No. de pieza MAX3222ECDB
Descarga  MAX3222ECDB Descarga
Tamaño del archivo   1366.48 Kbytes
Page   30 Pages
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments
Descripción Electrónicos MAX3222E 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD Protection

MAX3222ECDB Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MAX3222ECDB Datasheet PDF - Texas Instruments

No. de pieza MAX3222ECDB
Descarga  MAX3222ECDB Click to download

Tamaño del archivo   1366.48 Kbytes
Page   30 Pages
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments
Descripción Electrónicos MAX3222E 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD Protection

MAX3222ECDB Datasheet (HTML) - Texas Instruments


MAX3222ECDB Detalles de producto

1 Features
• ESD Protection for RS-232 bus pins
– ±15kV Human-body model (HBM)
– ±8kV IEC61000-4-2, Contact discharge
– ±15kV IEC61000-4-2, Air-gap discharge
• Meets or exceeds the requirements of TIA/
EIA-232-F and ITU v.28 standards
• Operates with 3V to 5.5V VCC supply
• Operates up to 500kbit/s
• Two drivers and two receivers
• Low standby current: 1μA typical
• External capacitors: 4 × 0.1μF
• Accepts 5V logic input with 3.3V supply
• Alternative high-speed pin-compatible device
(1Mbit/s) for SNx5C3222E

2 Applications
• Industrial PCs
• Wired networking
• Data center and networking equipment
• Notebooks
• Hand-held equipment

3 Description
The MAX3222E consists of two line drivers, two line
receivers, and a dual charge-pump circuit with ±15kV
ESD protection pin to pin (serial-port connection pins,
including GND).
The device meets the requirements of TIA/EIA-232-
F and provides the electrical interface between
an asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single 3V
to 5.5V supply. The device operates at typical data
signaling rates up to 500kbit/s and a maximum of
30V/μs driver output slew rate.
The MAX3222E can be placed in the power-down
mode by setting the power-down ( PWRDOWN) input
low, which draws only 1μA from the power supply.
When the device is powered down, the receivers
remain active while the drivers are placed in the
high-impedance state. Also, during power down, the
onboard charge pump is disabled; V+ is lowered to
VCC, and V– is raised toward GND. Receiver outputs
also can be placed in the high-impedance state by
setting enable ( EN) high.




Número de pieza similar - MAX3222ECDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX3222ECDB TI-MAX3222ECDB Datasheet
311Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222ECDB TI-MAX3222ECDB Datasheet
404Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222ECDBG4 TI-MAX3222ECDBG4 Datasheet
404Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222ECDBR TI-MAX3222ECDBR Datasheet
311Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222ECDBR TI-MAX3222ECDBR Datasheet
404Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Descripción similar - MAX3222ECDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
/- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
July 2004
logo
Texas Instruments
MAX208 TI-MAX208 Datasheet
287Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Texas Instruments
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
More results




Sobre a Texas Instruments


Texas Instruments (TI) es una empresa que cotiza en bolsa que diseña y fabrica productos de tecnología de semiconductores y computadoras.

Fue fundada en 1930 y tiene su sede en Dallas, Texas.

TI es un líder global en la producción de circuitos integrados de procesamiento de señales analógicos y digitales (DSP), así como procesadores integrados y otros productos de microcontroladores.

La compañía atiende a clientes en una variedad de industrias, incluidas automotriz, comunicaciones, informática, industrial y electrónica de consumo.

La cartera de productos de TI incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y soluciones de conectividad inalámbrica, entre otras.

TI está comprometido con la innovación y la satisfacción del cliente, y tiene una larga historia de entrega de productos confiables de alta calidad a sus clientes.

Con un enfoque en la sostenibilidad y la eficiencia energética, TI se dedica a tener un impacto positivo en el mundo a través de su tecnología y productos.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com