Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AX6607-33B Datasheet (PDF) - AXElite technology co. ltd

AX6607-33B Datasheet PDF - AXElite technology co. ltd
No. de pieza AX6607-33B
Descarga  AX6607-33B Descarga
Tamaño del archivo   588.31 Kbytes
Page   12 Pages
Fabricante Electrónico  AXELITE [AXElite technology co. ltd]
Página de inicio  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Descripción Electrónicos 600mA LDO Linear Regulator with Shutdown

AX6607-33B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AX6607-33B Datasheet PDF - AXElite technology co. ltd

No. de pieza AX6607-33B
Descarga  AX6607-33B Click to download

Tamaño del archivo   588.31 Kbytes
Page   12 Pages
Fabricante Electrónico  AXELITE [AXElite technology co. ltd]
Página de inicio  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Descripción Electrónicos 600mA LDO Linear Regulator with Shutdown

AX6607-33B Datasheet (HTML) - AXElite technology co. ltd


AX6607-33B Detalles de producto

 GENERAL DESCRIPTION
The AX6607 is a low dropout, positive linear regulator with very low quiescent. It can supply 600mA output current. The BP pin with a 10nF bypass capacitor can help reduce the output noise level. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 50μA. In the shutdown mode, the maximum supply current is less than 2μA. The AX6607 regulator is able to operate with output capacitors as small as 1μF for stability. The AX6607 series are offering several fixed output voltage types including 1.2V, 1.5V, 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 3.0V, 3.3V and adjustable version. Built-in current-limit and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range : 2.6V~5.5V
- Adjustable and 1.2/1.5/1.8/2.5/2.6/2.7/2.8/3.0/3.3V fixed output voltages
- VOUT adjust range from VFB to 5.0V
- Guaranteed 600mA output current
- Very Low quiescent current at 50μA (typ.)
- Needs Only 1μF capacitor for Stability
- Maximum supply current in shutdown mode <2μA
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the SOT-23-5L and TDFN-6L Pb-Free Packages
- RoHS and Halogen free compliance.




Número de pieza similar - AX6607-33B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results


Descripción similar - AX6607-33B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA00BC0WF ROHM-BA00BC0WF Datasheet
126Kb / 2P
LDO Regulator With Shutdown Circuit
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
600mA Low Dropout Linear Regulator with Shutdown
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
600mA Super LDO Linear Regulator
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
600mA Low Dropout Linear Regulator with Shutdown
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com