|
Benefits and Features
Connects a PC to the CS I/O port of a data logger
Helps protect components from electrical damage
No power source needed—powered by data logger and PC
Ships with cables needed for most uses
Baud rates up to 115 kbps supported
Technical Description
The SC32B, or another interface, is required for direct communications between a PC and a CR510, CR10X, or CR7 datalogger. For our CR800, CR850, CR1000, and CR1000X dataloggers, the SC32B is often used to provide optical isolation between the data logger and PC. Although the onboard RS-232 port of the CR3000, CR5000, or CR9000X dataloggers is isolated, the SC32B can be interfaced with their CS I/0 port when a second RS-232 port is required in the application.
The SC32B is shipped with an SC12 (2 ft) cable for attachment to the data loggerand a 10873 (6 ft) cable for attachment to the PC. Alternatively, an SC12R-6 (6 ft) cable (purchased separately) can be used instead of the standard SC12when alonger cable is needed.
The SC328B can support RS-232 cable lengths of up to 50 feet; longer cable lengths are not recommendedT.he longer cable should be on the data logger side of the interface
(CMOS logic levels) as opposed to the RS-232 side, which is typically more sensitive to drops in signal voltage levels.
|