Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACFJ-332B Datasheet (PDF) - Abracon Corporation

ACFJ-332B Datasheet PDF - Abracon Corporation
No. de pieza ACFJ-332B
Descarga  ACFJ-332B Descarga
Tamaño del archivo   1485.76 Kbytes
Page   26 Pages
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation
Descripción Electrónicos Industrial Dual-Channel High-Speed Gate Drive Optocoupler for MOSFET/GaN with Rail-to-Rail Output Voltage in SO-24 Package

ACFJ-332B Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ACFJ-332B Datasheet PDF - Abracon Corporation

No. de pieza ACFJ-332B
Descarga  ACFJ-332B Click to download

Tamaño del archivo   1485.76 Kbytes
Page   26 Pages
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation
Descripción Electrónicos Industrial Dual-Channel High-Speed Gate Drive Optocoupler for MOSFET/GaN with Rail-to-Rail Output Voltage in SO-24 Package

ACFJ-332B Datasheet (HTML) - Abracon Corporation


ACFJ-332B Detalles de producto

Features
 Industrial temperature range: –40°C to +125°C
 Wide operating supply range:
– VDD1 range: 3.0V to 5.5V
– VDDA and VDDB range: 10V to 25V
 Low supply current allows bootstrap half-bridge topology
 TTL and CMOS compatible inputs
 EN pin for enhanced safety feature
 Programmable dead time
 Under-voltage lockout (UVLO) protection with hysteresis:
– VDD1 UVLO: 2.7V
– VDDA and VDDB UVLO: 8.6V
 Rail-to-rail output driver voltage
 Minimum peak output current: ±2.4A
 Minimum Miller clamp sinking current: 1A
 Maximum propagation delay: 65 ns
 Maximum channel-to-channel skew: 15 ns
 High noise immunity
– Common mode transient immunity (CMTI): 150 kV/μs
at VCM = 1500V
 Dual isolated channels in SO-24 package with 8.3-mm
creepage and clearance
 3.5-mm creepage between two output drivers
 Worldwide safety approvals:
– UL/cUL 1577 5000 VRMS for 1 minute
– IEC/EN 60747-5-5 VIORM = 1414 VPEAK

Applications
 Power supply and EV charging
 Renewable energy inverter and storage
 Motor drive for industrial automation and robotics




Número de pieza similar - ACFJ-332B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Abracon Corporation
ACFJ-332BT ABRACON-ACFJ-332BT Datasheet
1Mb / 26P
Automotive Dual-Channel High-Speed 4A Peak Gate Drive Optocoupler for MOSFET/IGBT with Active Miller Clamp and Rail-to-Rail Output Voltage in SO-24 Package
October 30, 2024
More results


Descripción similar - ACFJ-332B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX4369 MAXIM-MAX4369 Datasheet
327Kb / 11P
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
Rev 0; 4/02
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P341 AVAGO-ACPL-P341 Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P340 AVAGO-ACPL-P340 Datasheet
275Kb / 19P
1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-K34T AVAGO-ACPL-K34T Datasheet
498Kb / 15P
Automotive 2.5 A Peak High Output Current MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO8
ACPL-P345 AVAGO-ACPL-P345 Datasheet
331Kb / 15P
1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
Broadcom Corporation.
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K33T AVAGO-ACPL-K33T Datasheet
1Mb / 18P
Automotive 2.5 A Peak High Output Current SiC MOSFET and IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO-8
logo
Broadcom Corporation.
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
More results




Sobre a Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com