Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

450BXW68MEFC18X25 Datasheet (PDF) - STMicroelectronics

450BXW68MEFC18X25 Datasheet PDF - STMicroelectronics
No. de pieza 450BXW68MEFC18X25
Descarga  450BXW68MEFC18X25 Descarga
Tamaño del archivo   6259.84 Kbytes
Page   21 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos 3-phase inverter based on STSPIN32F0251

450BXW68MEFC18X25 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
450BXW68MEFC18X25 Datasheet PDF - STMicroelectronics

No. de pieza 450BXW68MEFC18X25
Descarga  450BXW68MEFC18X25 Click to download

Tamaño del archivo   6259.84 Kbytes
Page   21 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos 3-phase inverter based on STSPIN32F0251

450BXW68MEFC18X25 Datasheet (HTML) - STMicroelectronics


450BXW68MEFC18X25 Detalles de producto

Features
• Input voltage from 20 V to 120 V DC/AC
• STD17NF25 MOSFETs power stage featuring:
- VDS = 250 V
- Ros(on)max.= 0.165 Q
• Overcurrent threshold set to 16 Apeak
• Dual footprint for IGBT/MOSFET package:
一 DPAK
- PowerFlat 6x5
• Single-shunt current sensing, suitable for:
- Sensored or sensorless 6 steps algorithm
- Single-shunt vector (FOC) algorithm
• Smart shutdown overcurrent protection
• Digital Hall sensors and encoder input
• Bus voltage sensing
• 15 V VCC and 3.3 V VDD supplies
• Embedded ST-LINK/V2-1
• Easy user interface with buttons and trimmer
• RoHS compliant

Application
• Battery operated and 110 Vac supplied power and garden tools
• Industrial fans and pumps
• Home appliances
• Industrial and home automation

Description
The EVSPIN32F0251S1 board is a 3-phase complete inverter based on the STSPIN32F0251 controller, which embeds a 3-phase 250 V gate driver and a Cortex®-M0 STM32 MCU. The power stage features STD17NF25 MOSFETs, but can be populated with any IGBT or Power MOSFET in DPAK or powerFLAT 6x5 package.
The board has a single-shunt sensing topology, and both the field-oriented control FOC) and sensored or sensorless 6-step control can be implemented. This allows driving permanent magnet synchronous motors (PMSMs) and brushless DC (BLDC) motors.
The evaluation board is compatible with a wide range input voltage from 20 V to 120 V DC/AC, and includes a power supply stage with the VIPER013BLS in buck configuration to generate +15 V and +3.3 V supply voltage required by the application.
Debug and configuration of FW can be performed with standard STM32 tools through the detachable STLINK-debugger. SWD and UART TX-RX connectors are also available.




Número de pieza similar - 450BXW68MEFC18X25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RUBYCON CORPORATION
450BXW68MEFC18X25 RUBYCON-450BXW68MEFC18X25 Datasheet
209Kb / 4P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Descripción similar - 450BXW68MEFC18X25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
SKIIP25AC125V10 SEMIKRON-SKIIP25AC125V10 Datasheet
1Mb / 2P
3-phase bridge inverter
SK15GD126ET SEMIKRON-SK15GD126ET_06 Datasheet
719Kb / 4P
3-phase bridge inverter
SK25GD126ET SEMIKRON-SK25GD126ET_06 Datasheet
696Kb / 4P
3-phase bridge inverter
SK25GD065ET SEMIKRON-SK25GD065ET_06 Datasheet
686Kb / 4P
3-phase bridge inverter
SK35GD065ET SEMIKRON-SK35GD065ET_07 Datasheet
658Kb / 4P
3-phase bridge inverter
SKIIP15AC066V1 SEMIKRON-SKIIP15AC066V1 Datasheet
951Kb / 2P
3-phase bridge inverter
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
logo
STMicroelectronics
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
More results




Sobre a STMicroelectronics


STMicroelectronics es un fabricante multinacional de electrónica y semiconductores con sede en Ginebra, Suiza.

La compañía ofrece una amplia gama de productos que incluyen microcontroladores, sensores, amplificadores de energía y circuitos integrados para diversas aplicaciones en los mercados automotrices, industriales y de consumo.

Fundada en 1987, Stmicroelectronics tiene operaciones en más de 100 países y es una de las compañías semiconductores más grandes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com