Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TAAM700-15C Datasheet (PDF) - TT Electronics.

TAAM700-15C Datasheet PDF - TT Electronics.
No. de pieza TAAM700-15C
Descarga  TAAM700-15C Descarga
Tamaño del archivo   468.55 Kbytes
Page   5 Pages
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Descripción Electrónicos ENCLOSED MEDICAL SWITCHING POWER SUPPLY SERIES 12-48VDC 700W

TAAM700-15C Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TAAM700-15C Datasheet PDF - TT Electronics.

No. de pieza TAAM700-15C
Descarga  TAAM700-15C Click to download

Tamaño del archivo   468.55 Kbytes
Page   5 Pages
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Descripción Electrónicos ENCLOSED MEDICAL SWITCHING POWER SUPPLY SERIES 12-48VDC 700W

TAAM700-15C Datasheet (HTML) - TT Electronics.


TAAM700-15C Detalles de producto

Description:
The TAAM700 series of medical certified AC/DC switching power supplies provides 625 ‐ 700 watts of continuous output
power, enclosed within a small 6.7” x 3.66” footprint. The compact size and high power density makes this power supply
perfect for medical applications. All models meet FCC PART 15 and EN55032 class B emission limits, and are certified to UL,
IEC, CE, and more.
Features:
 Optional built‐in current share (configurable to 1.26kW)
 High efficiency up to 92%
 Remote ON/OFF function
 5V standby at 1A
 BF rated outputs
 Ultra‐high power density 17.8W/in3
*Safety approvals may be model dependent. Consult TT Electronics for specifics or for additional safety approvals required.




Número de pieza similar - TAAM700-15C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TAA 661 A55 ETC-TAA 661 A55 Datasheet
172Kb / 7P
LINEAR INTEGRATED CIRCUIT
TAA 661 BX2 ETC-TAA 661 BX2 Datasheet
172Kb / 7P
LINEAR INTEGRATED CIRCUIT
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0509 TRUMPOWER-TAA-1S0509 Datasheet
28Kb / 1P
DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0512 TRUMPOWER-TAA-1S0512 Datasheet
28Kb / 1P
DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
More results


Descripción similar - TAAM700-15C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tumbler Technologies + ...
TMPC-700 TRUMPOWER-TMPC-700 Datasheet
247Kb / 1P
Medical Grade 700W ATX PC Power Supply
logo
Arch Electronics Corp.
SZA60E ARCH-SZA60E Datasheet
257Kb / 2P
Enclosed Switching Power Supply
MQF240E ARCH-MQF240E Datasheet
155Kb / 3P
Enclosed Medical Switching Power Supply
AES60E_SERIES ARCH-AES60E_SERIES Datasheet
223Kb / 2P
Enclosed Switching Power Supply
AQF240D_SERIES ARCH-AQF240D_SERIES Datasheet
307Kb / 2P
Enclosed Switching Power Supply
AQF240E_SERIES ARCH-AQF240E_SERIES Datasheet
259Kb / 2P
Enclosed Switching Power Supply
AQF360F_SERIES ARCH-AQF360F_SERIES Datasheet
345Kb / 6P
Enclosed Switching Power Supply
AQFV480F_SERIES ARCH-AQFV480F_SERIES Datasheet
579Kb / 7P
Enclosed Switching Power Supply
ABR300EC ARCH-ABR300EC Datasheet
576Kb / 6P
Enclosed Switching Power Supply
MQF120E ARCH-MQF120E Datasheet
205Kb / 3P
Enclosed Medical Switching Power Supply
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com