Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DRV83055PHP Datasheet (PDF) - Texas Instruments

DRV83055PHP Datasheet PDF - Texas Instruments
No. de pieza DRV83055PHP
Descarga  DRV83055PHP Descarga
Tamaño del archivo   1127.07 Kbytes
Page   61 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator

DRV83055PHP Datasheet (PDF)

Go To PDF Page Descarga Datasheet
DRV83055PHP Datasheet PDF - Texas Instruments

No. de pieza DRV83055PHP
Descarga  DRV83055PHP Click to download

Tamaño del archivo   1127.07 Kbytes
Page   61 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator

DRV83055PHP Datasheet (HTML) - Texas Instruments


DRV83055PHP Detalles de producto

1 Features
1• 4.4-V to 45-V Operating Voltage
• 1.25-A and 1-A Peak Gate Drive Currents
• Programmable High- and Low-Side Slew-Rate
Control
• Charge-Pump Gate Driver for 100% Duty Cycle
• Three Integrated Current-Shunt Amplifiers
• Integrated 50-mA LDO (3.3-V and 5-V Option)
• 3-PWM or 6-PWM Input Control up to 200 kHz
• Single PWM-Mode Commutation Capability
• Supports Both 3.3-V and 5-V Digital Interface
• Serial Peripheral Interface (SPI) for Device
Settings and Fault Reporting
• Thermally-Enhanced 48-Pin HTQFP
• Protection Features:
– Fault Diagnostics and MCU Watchdog
– Programmable Dead-Time Control
– MOSFET Shoot-Through Prevention
– MOSFET VDS Overcurrent Monitors
– Gate-Driver Fault Detection
– Reverse Battery-Protection Support
– Limp Home-Mode Support
– Overtemperature Warning and Shutdown

2 Applications
• Three-Phase BLDC and PMSM Motors
• CPAP and Pumps
• Robotics and RC Toys
• Power Tools
• Industrial Automation

3 Description
The DRV8305 device is a gate driver IC for threephase
motor-drive applications. The device provides
three high-accuracy and temperature compensated
half-bridge drivers, each capable of driving a highside
and low-side N-channel MOSFET. A charge
pump driver supports 100% duty cycle and lowvoltage
operation. The device can tolerate load dump
voltages up to 45-V.
The DRV8305 device includes three bidirectional
current-shunt amplifiers for accurate low-side current
measurements that support variable gain settings and
an adjustable offset reference.
The DRV8305 device has an integrated voltage
regulator (3.3-V or 5-V) to support an MCU or other
system power requirements. The voltage regulator
can be interfaced directly with a standard LIN
physical interface to allow low system standby and
sleep currents.
The gate driver uses automatic handshaking when
switching to prevent current shoot through. The VDS
of both the high-side and low-side MOSFETs is
accurately sensed to protect the external MOSFETs
from overcurrent conditions. The SPI provides
detailed fault reporting, diagnostics, and device
configurations such as gain options for the current
shunt amplifier, individual MOSFET overcurrent
detection, and gate-drive slew-rate control.




Número de pieza similar - DRV83055PHP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV83055PHP TI1-DRV83055PHP Datasheet
1Mb / 59P
Three Phase Gate Driver
DRV83055PHPR TI1-DRV83055PHPR Datasheet
1Mb / 59P
Three Phase Gate Driver
More results


Descripción similar - DRV83055PHP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8301 TI1-DRV8301_12 Datasheet
356Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
DRV3245A-Q1 TI1-DRV3245A-Q1 Datasheet
129Kb / 6P
DRV3245A-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com