Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U073CBI3TR Datasheet (PDF) - STMicroelectronics

STM32U073CBI3TR Datasheet PDF - STMicroelectronics
No. de pieza STM32U073CBI3TR
Descarga  STM32U073CBI3TR Descarga
Tamaño del archivo   10098.96 Kbytes
Page   146 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD

STM32U073CBI3TR Datasheet (PDF)

Go To PDF Page Descarga Datasheet
STM32U073CBI3TR Datasheet PDF - STMicroelectronics

No. de pieza STM32U073CBI3TR
Descarga  STM32U073CBI3TR Click to download

Tamaño del archivo   10098.96 Kbytes
Page   146 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD

STM32U073CBI3TR Datasheet (HTML) - STMicroelectronics


STM32U073CBI3TR Detalles de producto

Features
Includes ST state-of-the-art patented technology.
Ultra-low-power features (ultra-low-power devices)
• 1.71 V to 3.6 V power supply
• -40 °C to 85/125 °C temperature range
• VBAT mode: 130 nA (with RTC and 9 x 32-bit backup registers)
• Shutdown mode (6 wake-up pins): 16 nA
• Standby mode (6 wake-up pins): 160 nA with RTC, 30 nA without RTC
• Stop 2 mode: 825 nA with RTC, 695 nA without RTC
• Run mode (LDO mode): 52 μA/MHz
• Batch acquisition mode (BAM)
• 4 μs wake-up from Stop mode
• Brownout reset (BOR)
Core
• 32-bit Arm® Cortex®-M0+ CPU, frequency up to 56 MHz
ART Accelerator
• 1-Kbyte instruction cache allowing 0-wait-state execution from flash memory
Benchmarks
• 1.13 DMIPS/MHz (Drystone 2.1)
• 134 CoreMark® (2.4 CoreMark/MHz at 56 MHz)
• 407 ULPMark™-CP
• 143 ULPMark™-PP
• 19.7 ULPMark™-CM
Memories
• Up to 256-Kbyte single bank flash memory, proprietary code readout protection
• 40-Kbyte SRAM with hardware parity check
Rich analog peripherals (independent supply)
• 1x 12-bit ADC (0.4 μs conversion time), up to 16-bit with hardware oversampling
• 1x 12-bit DAC output channel, low-power sample and hold
• 1x general-purpose operational amplifier with built-in PGA (variable gain up to 16)
• 2x ultra-low-power comparators
LCD driver
• 8×48 or 4×52 segments, with step-up converter
General-purpose inputs/outputs
• Up to 69 fast I/Os, most of them 5 V‑tolerant
20 communication interfaces
• USB 2.0 full-speed crystal-less solution with LPM and BCD
• 7x USARTs/LPUARTs (SPI, ISO 7816, LIN, IrDA, modem)
• 4x I2C interfaces supporting Fast-mode and Fast-mode Plus (up to 1 Mbit/s)
• 3x SPIs, plus 4x USARTs in SPI mode
• IRTIM (Infrared interface)
Security
• Customer code protection
• Robust read out protection (RDP): 3 protection level states and password-based regression (128-bit PSWD)
• Hardware protection feature (HDP)
• Secure boot
• True random number generation, candidate for NIST SP 800-90B certification
• Candidate for Arm® PSA level 1 and SESIP level 3 certifications
• 5 passive anti-tamper pins
• 96-bit unique ID
Clock management
• 4 to 48 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (±1%)
• Internal low-power 32 kHz RC (±5%)
• Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy)
• Internal 48 MHz with clock recovery
• PLL for system clock, USB, ADC
10 timers, RTC, and 2 watchdogs
• 1x 16-bit advanced motor-control, 1x 32-bit and 3x 16-bit general purpose, 2x 16-bit basic, 3x low-power 16-bit timers (available in Stop mode), 2x watchdogs, SysTick timer
• RTC with hardware calendar, alarms and calibration
CRC calculation unit
Up to 21 capacitive sensing channels
• Supporting touchkey, linear and rotary touch sensors
12-channel DMA controller
• Flexible mapping (DMAMUX)
Debug
• Development support: serial wire debug (SWD)
All packages are ECOPACK2 compliant.




Número de pieza similar - STM32U073CBI3TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32U375CE STMICROELECTRONICS-STM32U375CE Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6GTR STMICROELECTRONICS-STM32U375CEI6GTR Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6GXXX STMICROELECTRONICS-STM32U375CEI6GXXX Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6QTR STMICROELECTRONICS-STM32U375CEI6QTR Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
STM32U375CEI6QXXX STMICROELECTRONICS-STM32U375CEI6QXXX Datasheet
13Mb / 222P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
28-Feb-2025
More results


Descripción similar - STM32U073CBI3TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32L073X8 STMICROELECTRONICS-STM32L073X8 Datasheet
1Mb / 139P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
22-Mar-2016
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32L010C6 STMICROELECTRONICS-STM32L010C6 Datasheet
2Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L010K8 STMICROELECTRONICS-STM32L010K8 Datasheet
1Mb / 92P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
STM32L082KB STMICROELECTRONICS-STM32L082KB Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
STM32L010RB STMICROELECTRONICS-STM32L010RB Datasheet
1Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
07-Aug-2019
More results




Sobre a STMicroelectronics


STMicroelectronics es un fabricante multinacional de electrónica y semiconductores con sede en Ginebra, Suiza.

La compañía ofrece una amplia gama de productos que incluyen microcontroladores, sensores, amplificadores de energía y circuitos integrados para diversas aplicaciones en los mercados automotrices, industriales y de consumo.

Fundada en 1987, Stmicroelectronics tiene operaciones en más de 100 países y es una de las compañías semiconductores más grandes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com