Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WL33KBV6TR Datasheet (PDF) - STMicroelectronics

STM32WL33KBV6TR Datasheet PDF - STMicroelectronics
No. de pieza STM32WL33KBV6TR
Descarga  STM32WL33KBV6TR Descarga
Tamaño del archivo   4280.03 Kbytes
Page   91 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM

STM32WL33KBV6TR Datasheet (PDF)

Go To PDF Page Descarga Datasheet
STM32WL33KBV6TR Datasheet PDF - STMicroelectronics

No. de pieza STM32WL33KBV6TR
Descarga  STM32WL33KBV6TR Click to download

Tamaño del archivo   4280.03 Kbytes
Page   91 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM

STM32WL33KBV6TR Datasheet (HTML) - STMicroelectronics


STM32WL33KBV6TR Detalles de producto

Features
■ Includes ST state-of-the-art patented technology
■ Ultra-low power sub-1GHz wireless system-on-chip
■ Programmable MCU – Core: Arm® Cortex®-M0+ 32-bit, running up to 64 MHz – Program memory: 64-Kbyte / 128-Kbyte / 256-Kbyte flash memory – Data memory: 16-Kbyte / 32-Kbyte SRAM (full retention) – Additional storage: 1-Kbyte OTP (user data)
■ Radio – Frequency bands: 159-185 MHz, 413-479 MHz, 826-958 MHz – Air data rate from 0.1 to 600 kbit/s – Programmable TX power up to +20dBm – RX sensitivity @ 1% BER: ◦ -132 dBm @300 bit/s 433 MHz OOK ◦ -128 dBm @300 bit/s 868 MHz 2(G)FSK ◦ -112 dBm @38.4 bit/s 868 MHz 2(G)FSK – Modulation schemes: ◦ 2(G)FSK, 2(G)MSK, 4(G)FSK ◦ OOK, ASK ◦ D-BPSK ◦ DSSS (direct sequence spread spectrum) ◦ I/Q channels data access ◦ Compatible with proprietary and standardized wireless protocols (W-MBUS, Sigfox, Mioty, KNX-RF, IEEE 802.15.4g, others) – Suitable for worldwide certifications: ◦ Europe: ETSI EN 300 220, category 1 compliant, ETSI EN 303 131 ◦ US: FCC part 15 and part 90 ◦ Japan: ARIB STD T67, T108 – Fully-configurable hardware sequencer for autonomous radio operations (Sniff mode, Frequency hopping, Low Duty Cycle mode, Listen before talk)
■ Wakeup radio receiver – Low power autonomous wakeup receiver (LPAWUR), featuring: ◦ OOK data receiver channel ◦ Sensitivity: -50 dBm ◦ Current consumption: 4 µA in always-on autonomous mode VFQFPN48 (6 x 6 mm) VFQFPN32 (5 x 5 mm) Product summary Reference Part number STM32WL33xx STM32WL33C8 STM32WL33CB STM32WL33CC STM32WL33K8 STM32WL33KB STM32WL33KC Multiprotocol LPWAN 32-bit MCU Arm® Cortex®-M0+ 2(G)FSK, 4(G)FSK, ASK, D-BPSK, up to 256KB flash, 32KB SRAM STM32WL33xx Datasheet DS14221 - Rev 5 - November 2024 For further information contact your local STMicroelectronics sales office.




Número de pieza similar - STM32WL33KBV6TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32WL33CCV6 STMICROELECTRONICS-STM32WL33CCV6 Datasheet
363Kb / 6P
STM32WL3x Nucleo-64 boards
20-Nov-2024
More results


Descripción similar - STM32WL33KBV6TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32WL55JC STMICROELECTRONICS-STM32WL55JC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WL55CC STMICROELECTRONICS-STM32WL55CC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WLE4JC STMICROELECTRONICS-STM32WLE4JC Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November Rev 8
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 8
STM32WL55JC STMICROELECTRONICS-STM32WL55JC_V01 Datasheet
3Mb / 147P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX_V01 Datasheet
3Mb / 146P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results




Sobre a STMicroelectronics


STMicroelectronics es un fabricante multinacional de electrónica y semiconductores con sede en Ginebra, Suiza.

La compañía ofrece una amplia gama de productos que incluyen microcontroladores, sensores, amplificadores de energía y circuitos integrados para diversas aplicaciones en los mercados automotrices, industriales y de consumo.

Fundada en 1987, Stmicroelectronics tiene operaciones en más de 100 países y es una de las compañías semiconductores más grandes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com