Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XIO2001ZAJ Datasheet (PDF) - Texas Instruments

XIO2001ZAJ Datasheet PDF - Texas Instruments
No. de pieza XIO2001ZAJ
Descarga  XIO2001ZAJ Descarga
Tamaño del archivo   3951.41 Kbytes
Page   145 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos XIO2001 PCI Express to PCI Bus Translation Bridge

XIO2001ZAJ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
XIO2001ZAJ Datasheet PDF - Texas Instruments

No. de pieza XIO2001ZAJ
Descarga  XIO2001ZAJ Click to download

Tamaño del archivo   3951.41 Kbytes
Page   145 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos XIO2001 PCI Express to PCI Bus Translation Bridge

XIO2001ZAJ Datasheet (HTML) - Texas Instruments


XIO2001ZAJ Detalles de producto

1 Features
• Full ×1 PCI Express™ Throughput
• Fully Compliant With PCI Express to PCI/PCI-X
Bridge Specification, Revision 1.0
• Fully Compliant With PCI Express Base
Specification, Revision 2.0
• Fully Compliant With PCI Local Bus Specification,
Revision 2.3
• PCI Express Advanced Error Reporting Capability
Including ECRC Support
• Support for D1, D2, D3hot, and D3cold
• Active-State Link Power Management Saves
Power When Packet Activity on the PCI Express
Link is Idle, Using Both L0s and L1 States
• Wake Event and Beacon Support
• Error Forwarding Including PCI Express Data
Poisoning and PCI Bus Parity Errors
• Uses 100-MHz Differential PCI Express Common
Reference Clock or 125-MHz Single-Ended,
Reference Clock
• Optional Spread Spectrum Reference Clock is
Supported
• Robust Pipeline Architecture to Minimize
Transaction Latency
• Full PCI Local Bus 66-MHz/32-Bit Throughput
• Support for Six Subordinate PCI Bus Masters with
Internal Configurable, 2-Level Prioritization
Scheme
• Internal PCI Arbiter Supporting Up to 6 External
PCI Masters
• Advanced PCI Express Message Signaled
Interrupt Generation for Serial IRQ Interrupts
• External PCI Bus Arbiter Option
• PCI Bus LOCK Support
• JTAG/BS for Production Test
• PCI-Express CLKREQ Support
• Clock Run and Power Override Support
• Six Buffered PCI Clock Outputs (25 MHz, 33 MHz,
50 MHz, or 66 MHz)
• PCI Bus Interface 3.3-V and 5.0-V (25 MHz or
33 MHz only at 5.0 V) Tolerance Options
• Integrated AUX Power Switch Drains VAUX Power
Only When Main Power Is Off
• Five 3.3-V, Multifunction, General-Purpose I/O
Terminals
• Memory-Mapped EEPROM Serial-Bus Controller
Supporting PCI Express Power Budget/Limit
Extensions for Add-In Cards
• Compact Footprint, Lead-Free 144-Ball, ZAJ
nFBGA, Lead-Free 169-Ball ZWS nFBGA, and
PowerPad™ HTQFP 128-Pin PNP Package

2 Applications
• Enterprise systems
– Data center & enterprise computing
• Personal electronics
– PC and notebooks
• Industrial applications
– Factory automation and control
– Retail automation & payment
– Industrial transport (non-car & non-light truck)

3 Description
The XIO2001 is a single-function PCI Express to PCI
translation bridge that is fully compliant to the PCI
Express to PCI/PCI-X Bridge Specification, Revision
1.0. For downstream traffic, the bridge simultaneously
supports up to eight posted and four non-posted
transactions. For upstream traffic, up to six posted
and four non-posted transactions are simultaneously
supported.
The PCI Express interface is fully compliant to the PCI
Express Base Specification, Revision 2.0.
The PCI Express interface supports a ×1 link
operating at full 250 MB/s packet throughput in each
direction simultaneously. Also, the bridge supports the
advanced error reporting including extended CRC
(ECRC) as defined in the PCI Express Base
Specification. Supplemental firmware or software is
required to fully use both of these features.




Número de pieza similar - XIO2001ZAJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
XIO2001ZAJ TI-XIO2001ZAJ Datasheet
1Mb / 128P
PCI Express??to PCI Bus Translation Bridge
XIO2001ZAJ TI-XIO2001ZAJ Datasheet
1Mb / 131P
PCI Express??to PCI Bus Translation Bridge
XIO2001ZAJ TI1-XIO2001ZAJ Datasheet
2Mb / 141P
PCI Express to PCI Bus Translation Bridge
XIO2001ZAJ TI-XIO2001ZAJ Datasheet
2Mb / 144P
XIO2001 PCI Express to PCI Bus Translation Bridge
More results


Descripción similar - XIO2001ZAJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
XIO2000 TI-XIO2000 Datasheet
1Mb / 150P
XIO2000 PCI Express to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
TEXAS ADVANCED OPTOELEC...
XIO2000A TAOS-XIO2000A_08 Datasheet
1Mb / 159P
PCI Express to PCI Bus Translation Bridge
logo
Texas Instruments
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
Express??to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
PCI Express??to PCI Bus Translation Bridge
XIO2001_101 TI-XIO2001_101 Datasheet
1Mb / 131P
PCI Express??to PCI Bus Translation Bridge
XIO2001 TI1-XIO2001_16 Datasheet
2Mb / 141P
PCI Express to PCI Bus Translation Bridge
XIO2000A TI1-XIO2000A_19 Datasheet
1Mb / 160P
PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_V01 Datasheet
2Mb / 144P
XIO2001 PCI Express to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A_V01 Datasheet
2Mb / 165P
XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com