Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA63CGU6 Datasheet (PDF) - STMicroelectronics

STM32WBA63CGU6 Datasheet PDF - STMicroelectronics
No. de pieza STM32WBA63CGU6
Descarga  STM32WBA63CGU6 Descarga
Tamaño del archivo   2371.51 Kbytes
Page   185 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution

STM32WBA63CGU6 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
STM32WBA63CGU6 Datasheet PDF - STMicroelectronics

No. de pieza STM32WBA63CGU6
Descarga  STM32WBA63CGU6 Click to download

Tamaño del archivo   2371.51 Kbytes
Page   185 Pages
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Descripción Electrónicos Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution

STM32WBA63CGU6 Datasheet (HTML) - STMicroelectronics


STM32WBA63CGU6 Detalles de producto

Features
■ Includes ST state-of-the-art patented technology
■ Ultra-low-power radio
■ 2.4 GHz radio
■ RF transceiver supporting Bluetooth® Low Energy 5.4 specification, IEEE 802.15.4-2015 PHY and MAC,
■ supporting Thread, Matter, and Zigbee®
■ Proprietary protocols
■ RX sensitivity: -96 dBm (Bluetooth® Low Energy at 1 Mbps), -100 dBm
■ (IEEE 802.15.4 at 250 kbps)
■ Programmable output power up to +10 dBm,
■ with 1 dB steps
■ Support for external PA
■ Isochronous channel (Auracast/Unicast),
■ AOA/AOD, long range
■ Packet traffic arbitration
■ Integrated balun to reduce BOM
■ Single crystal operation
■ Suitable for systems requiring compliance with radio frequency regulations ETSI EN 300 328, EN 300 440, FCC CFR47 Part 15 and ARIB STD-T66
■ Ultra-low-power with FlexPowerControl
■ 1.71 to 3.6 V power supply
■ -40 to 85/105 °C ambient temperature range
■ Autonomous peripherals with DMA, functional
■ down to Stop 1 mode
■ 120 nA Standby mode (16 wake-up pins)
■ 1.33 μA Standby mode with RTC
■ 1.15 µA Standby mode with 64-Kbyte SRAM
■ 5.30 µA Stop 2 mode with 64-Kbyte SRAM
■ 29 µA/MHz Run mode
■ Radio: Rx 4.26 mA / Tx at 0 dBm 5.94 mA
■ Core
■ Arm® 32-bit Cortex®-M33 CPU with TrustZone®, MPU, DSP, and FPU
■ ART Accelerator
■ 8-Kbyte instruction cache allowing 0-wait-state execution from flash memory (frequency up to 100 MHz, 150 DMIPS)
■ Benchmarks
■ 1.5 DMIPS/MHz (Dhrystone 2.1)
■ 410 CoreMark® (4.10 CoreMark/MHz)
■ Memories
■ Up to 2-Mbyte dual bank flash memory with ECC, including 512 Kbytes with 100 K cycles
■ Up to 512-Kbyte SRAM, including 64 Kbytes
■ with parity check
■ 512-byte (32 rows) OTP UFQFPN48 7 x 7 mm solder pad VFQFPN68 8 x 8 mm solder pad Thin WLCSP88 3.78 x 3.46 mm UFBGA121 6 x 6 mm




Número de pieza similar - STM32WBA63CGU6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32WBA50KG STMICROELECTRONICS-STM32WBA50KG Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
12-Sep-2024
STM32WBA5MMG STMICROELECTRONICS-STM32WBA5MMG Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
STM32WBA5MMGH6TR STMICROELECTRONICS-STM32WBA5MMGH6TR Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
More results


Descripción similar - STM32WBA63CGU6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32WB10CC STMICROELECTRONICS-STM32WB10CC Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
June 2021
STM32WB55CC STMICROELECTRONICS-STM32WB55CC_V02 Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
More results




Sobre a STMicroelectronics


STMicroelectronics es un fabricante multinacional de electrónica y semiconductores con sede en Ginebra, Suiza.

La compañía ofrece una amplia gama de productos que incluyen microcontroladores, sensores, amplificadores de energía y circuitos integrados para diversas aplicaciones en los mercados automotrices, industriales y de consumo.

Fundada en 1987, Stmicroelectronics tiene operaciones en más de 100 países y es una de las compañías semiconductores más grandes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com