Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DRV8334PHPR Datasheet (PDF) - Texas Instruments

DRV8334PHPR Datasheet PDF - Texas Instruments
No. de pieza DRV8334PHPR
Descarga  DRV8334PHPR Descarga
Tamaño del archivo   3449.84 Kbytes
Page   89 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos DRV8334 Three-Phase Smart Gate Driver with Accurate Current Sensing and Advanced Monitoring

DRV8334PHPR Datasheet (PDF)

Go To PDF Page Descarga Datasheet
DRV8334PHPR Datasheet PDF - Texas Instruments

No. de pieza DRV8334PHPR
Descarga  DRV8334PHPR Click to download

Tamaño del archivo   3449.84 Kbytes
Page   89 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos DRV8334 Three-Phase Smart Gate Driver with Accurate Current Sensing and Advanced Monitoring

DRV8334PHPR Datasheet (HTML) - Texas Instruments


DRV8334PHPR Detalles de producto

1 Features
• Three phase half-bridge gate driver
– Drives six N-channel MOSFETs (NMOS)
– 4.5 to 60V wide operating voltage range
– Bootstrap architecture for high-side gate driver
– Strong GVDD charge pump to support up to
50mA average gate switching current enables
driving 400nC MOSFETs at 20kHz
– Trickle charge pump to support 100% PWM
duty cycle and to generate overdrive supply to
drive external protection circuits
• Smart Gate Drive architecture
– 45-level configurable peak gate drive current up
to 1000 / 2000mA (source / sink)
– Three-step dynamic drive current control
– Configurable soft shutdown to minimize
inductive voltage spikes during overcurrent
shutdown
• Low-side Current Sense Amplifier
– Sub-1mV low input offset across temperature
– 9-level adjustable gain
• SPI-based detailed configuration and diagnostics
• DRVOFF pin to disable driver independently
• High voltage wake up pin (nSLEEP)
• 6x, 3x, 1x, and Independent PWM Modes
• Supports 3.3V, and 5V Logic Inputs
• Integrated protection features
– Battery and power supply voltage monitors
– Phase feedback comparator
– MOSFET VDS and Rsense over current monitors
– MOSFET VGS gate fault monitors
– Device thermal warning and shutdown
– Fault condition indicator pin

2 Applications
• Appliances, Cordless Garden and Power Tools,
Lawnmowers
• Brushless-DC (BLDC) Motor Modules and PMSM
• Fans, Pumps, and Servo Drives
• E-Bikes, E-Scooters, and E-Mobility
• Cordless Vacuum Cleaners
• Drones, Industrial & Logistics Robots, and RC
Toys

3 Description
The DRV8334 is an integrated smart gate driver for
three-phase BLDC applications. The device provides
three half-bridge gate drivers, each capable of driving
high-side and low-side N-channel power MOSFETs.
The DRV8334 generates the correct gate drive
voltages using an integrated bootstrap diode and
a GVDD charge pump. The Smart Gate Drive
architecture supports configurable peak gate drive
current from 0.8mA up to 1A source and 2A sink. The
DRV8334 can operate from a single power supply
with a wide input range of 4.5 to 60V. A trickle
charge pump enables 100% PWM duty cycle control,
and provides overdrive supply voltage for external
switches.
The DRV8334 provides low-side current sense
amplifiers to support resistor based low-side current
sensing. The low offset of the amplifiers enables the
system to obtain precise motor current measurement.
A wide range of diagnostics and protection features
integrated in the DRV8334 enable a robust motor
drive system design and help eliminate the needs
of external components. The highly configurable
device response allows the device to be integrated
seamlessly into a variety of system designs.




Número de pieza similar - DRV8334PHPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV8334PHPR TI1-DRV8334PHPR Datasheet
2Mb / 77P
DRV8334 Three-Phase Smart Gate Driver with Accurate Current Sensing and Advanced Monitoring
DECEMBER 2023
More results


Descripción similar - DRV8334PHPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV3205-Q1 TI-DRV3205-Q1_15 Datasheet
111Kb / 6P
DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3205-Q1 TI1-DRV3205-Q1 Datasheet
127Kb / 6P
DRV3205-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Enhanced Protection, Diagnostics, and Monitoring
DRV3220-Q1 TI1-DRV3220-Q1 Datasheet
1Mb / 31P
Three-Phase Automotive Gate Driver With Enhanced Protection, Diagnostics, and Monitoring
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8334 TI1-DRV8334 Datasheet
2Mb / 77P
DRV8334 Three-Phase Smart Gate Driver with Accurate Current Sensing and Advanced Monitoring
DECEMBER 2023
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com