Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPS3103K33DBVR Datasheet (PDF) - Texas Instruments

TPS3103K33DBVR Datasheet PDF - Texas Instruments
No. de pieza TPS3103K33DBVR
Descarga  TPS3103K33DBVR Descarga
Tamaño del archivo   705.91 Kbytes
Page   33 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos TPS31xx Ultralow Supply-Current Voltage Monitor With Optional Watchdog

TPS3103K33DBVR Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TPS3103K33DBVR Datasheet PDF - Texas Instruments

No. de pieza TPS3103K33DBVR
Descarga  TPS3103K33DBVR Click to download

Tamaño del archivo   705.91 Kbytes
Page   33 Pages
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments
Descripción Electrónicos TPS31xx Ultralow Supply-Current Voltage Monitor With Optional Watchdog

TPS3103K33DBVR Datasheet (HTML) - Texas Instruments


TPS3103K33DBVR Detalles de producto

1 Features
1• Precision Supply Voltage Supervision Range:
0.9 V, 1.2 V, 1.5 V, 1.6 V, 2 V, and 3.3 V
• High Trip-Point Accuracy: 0.75%
• Supply Current of 1.2 μA (Typical)
• RESET Defined With Input Voltages as Low as
0.4 V
• Power-On Reset Generator With a Delay Time of
130 ms
• Push/Pull or Open-Drain RESET Outputs
• Package Temperature Range: –40°C to 125°C

2 Applications
• Applications Using Low-Power DSPs,
Microcontrollers, or Microprocessors
• Portable and Battery-Powered Equipment
• Intelligent Instruments
• Wireless Communication Systems
• Industrial Equipment
• Notebook and Desktop Computers

3 Description
The TPS310x and TPS311x families of supervisory
circuits provide circuit initialization and timing
supervision, primarily for DSP and processor-based
systems.
During power-on, RESET is asserted low when the
supply voltage (VDD) becomes higher than 0.4 V.
Thereafter, the supervisory circuit monitors VDD and
keeps the RESET output low as long as VDD remains
below the threshold voltage (VIT–). To ensure proper
system reset, after VDD surpasses the threshold
voltage, an internal timer delays the transition of the
RESET signal from low to high for the specified time.
When VDD drops below VIT–, the output transitions low
again.
All the devices of this family have a fixed-sense
threshold voltage (VIT–) set by an internal voltage
divider.
The TPS3103 and TPS3106 devices have an activelow,
open-drain RESET output and either an
integrated power-fail input (PFI) or SENSE input with
corresponding outputs for monitoring other voltages.
The TPS3110 has an active-low push/pull RESET
and a watchdog timer to monitor the operation of
microprocessors. All three devices have a manual
reset pin that can be used to force the outputs low
regardless of the sensed voltages.
The product spectrum is designed for supply voltages
of 0.9 V up to 3.6 V. The circuits are available in 6-pin
SOT-23 packages. The TPS31xx family is
characterized for operation over a temperature range
of –40°C to 125°C.




Número de pieza similar - TPS3103K33DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3103K33DBVR TI-TPS3103K33DBVR Datasheet
361Kb / 22P
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103K33DBVR TI-TPS3103K33DBVR Datasheet
348Kb / 20P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103K33DBVR TI-TPS3103K33DBVR Datasheet
555Kb / 23P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103K33DBVR TI1-TPS3103K33DBVR Datasheet
755Kb / 25P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103K33DBVR TI1-TPS3103K33DBVR Datasheet
1Mb / 31P
Ultralow Supply-Current Voltage Monitor With Optional Watchdog
More results


Descripción similar - TPS3103K33DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
Voltage Monitor With Watchdog Timer
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
Voltage Monitor With Watchdog Timer
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com