Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PX3EF1BH046BA Datasheet (PDF) - Honeywell Solid State Electronics Center

PX3EF1BH046BA Datasheet PDF - Honeywell Solid State Electronics Center
No. de pieza PX3EF1BH046BA
Descarga  PX3EF1BH046BA Descarga
Tamaño del archivo   1444.32 Kbytes
Page   8 Pages
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Descripción Electrónicos Heavy Duty Pressure Transducers

PX3EF1BH046BA Datasheet (PDF)

Go To PDF Page Descarga Datasheet
PX3EF1BH046BA Datasheet PDF - Honeywell Solid State Electronics Center

No. de pieza PX3EF1BH046BA
Descarga  PX3EF1BH046BA Click to download

Tamaño del archivo   1444.32 Kbytes
Page   8 Pages
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Descripción Electrónicos Heavy Duty Pressure Transducers

PX3EF1BH046BA Datasheet (HTML) - Honeywell Solid State Electronics Center


PX3EF1BH046BA Detalles de producto

DESCRIPTION
Honeywell’s PX3 Series Heavy Duty Pressure Transducers use piezoresistive sensing technology with ASIC (Application Specific Integrated Circuit) signal conditioning in a brass housing and Metri-Pack 150 or cable harness electrical connections. The PX3 Series are fully calibrated and temperature compensated from -40°C to 125°C [-40°F to 257°F].

FEATURES
• Pressure range: 1 bar to 50 bar | 15 psi to 700 psi (absolute and sealed gage)
• Ratiometric output: 0.5 Vdc to 4.5 Vdc or 0.33 Vdc to 2.97 Vdc
• Fully calibrated and temperature compensated
• Total Error Band: ±1.0 %FSS from -20°C to 85°C [-4°F to 185°F]
• External freeze/thaw resistance: 6 cycles from -30°C to 50°C [-22°F to 122°F]
• Insulation resistance: >100 MOhm, 1500 Vdc (in dry, nonionized air)
• Dielectric strength: AC1500V, 1 min. or AC1800V, 1 s (in dry, nonionized air)
• Current consumption: 3.5 mA max.
• EMC (radiated immunity): 200 V/m per ISO 11452-2
• Ingress protection IP67 (Metri-Pack 150), IP69K (cable harness)
• Response time: <2 ms
• RoHS, REACH, and CE compliant
• Six industry-standard pressure port types, including a tube port which provides for hermetically-sealed process connection

POTENTIAL APPLICATIONS
• Industrial: Refrigerant pressure monitoring in HVAC/R systems; air compressor system pressure
• Transportation: Air system monitoring; hydraulic oil pressure monitoring
The PX3 Series is not recommended for use with media involving water, saturated air such as steam and vapor, and ammonia.




Número de pieza similar - PX3EF1BH046BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
PX3EF1BH001BAAAX HONEYWELL-ACC-PX3EF1BH001BAAAX Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
10/16
PX3EF1BH001BAAAX HONEYWELL-ACC-PX3EF1BH001BAAAX Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
2/17
PX3EF1BH001BAACX HONEYWELL-ACC-PX3EF1BH001BAACX Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
10/16
PX3EF1BH001BAACX HONEYWELL-ACC-PX3EF1BH001BAACX Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
2/17
PX3EF1BH001BADAX HONEYWELL-ACC-PX3EF1BH001BADAX Datasheet
1Mb / 8P
Heavy Duty Pressure Transducers
10/16
More results


Descripción similar - PX3EF1BH046BA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
Heavy Duty Pressure Meter
407910 EXTECH-407910 Datasheet
267Kb / 7P
Heavy Duty Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
Heavy Duty Differential Pressure Manometer
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
Heavy Duty Differential Pressure Manometer
logo
Honeywell Accelerometer...
MLH250BSD17D HONEYWELL-ACC-MLH250BSD17D Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/ Transducers Line Guide
MLH025BSD14E HONEYWELL-ACC-MLH025BSD14E Datasheet
122Kb / 4P
Heavy Duty Pressure Sensors/Transducers Line Guide
logo
Extech Instruments Corp...
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
Heavy Duty Differential Pressure Manometer
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results




Sobre a Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com