Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1SBL236501R2000 Datasheet (PDF) - ABB

1SBL236501R2000 Datasheet PDF - ABB
No. de pieza 1SBL236501R2000
Descarga  1SBL236501R2000 Descarga
Tamaño del archivo   54.6 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos AF26Z-22-00-20 12-20VDC Contactor

1SBL236501R2000 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1SBL236501R2000 Datasheet PDF - ABB

No. de pieza 1SBL236501R2000
Descarga  1SBL236501R2000 Click to download

Tamaño del archivo   54.6 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos AF26Z-22-00-20 12-20VDC Contactor

1SBL236501R2000 Datasheet (HTML) - ABB


1SBL236501R2000 Detalles de producto

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
AF26Z-22-00-20
1SBL236501R2000
3471523116801
AF26Z-22-00-20 12-20VDC Contactor
AF26Z 4-pole contactors are used for controlling power circuits up to 690 V AC and 440 V
DC. They are mainly used for controlling non-inductive or slightly inductive loads (i.e.
resistance furnaces...). AF..Z contactors include an electronic coil interface accepting a
wide control voltage Uc min. ... Uc max. Only four coils cover control voltages between
24...250 V 50/60 Hz or 12...250 V DC. AF..Z contactors can manage large control voltage
variations. One coil can be used for different control voltages used worldwide without any coil
change. AF..Z contactors allow direct control by PLC-output ≥ 24 V DC 500 mA and obtain
a reduced holding coil consumption. AF..Z contactors withstand short voltage dips and
voltage sags (SEMI F47-0706 compliance) between 24...250 V 50/60 Hz AF..Z contactors
have built-in surge protection and do not require additional surge suppressors The AF...
series 4-pole contactors are of the block type design. - Main poles and auxiliary contact
blocks: 2 N.O. + 2 N.C. main poles, front and side-mounted add-on auxiliary contact blocks.
(mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1. N.C.
mirror contacts compliant with Annex F of IEC 60947-4-1) - Control circuit: DC operated for
AF..Z-30-..-20 contactors. Only AF..Z-30-..-20 contactors need to respect the polarity on the
coil terminals (A1+ and A2-). - Accessories: a wide range of accessories is available.




Número de pieza similar - 1SBL236501R2000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABB
1SBL236501R2300 ABB-1SBL236501R2300 Datasheet
54Kb / 3P
AF26Z-22-00-23 100-250V50/60HZ-DC Contactor
More results


Descripción similar - 1SBL236501R2000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
10-0516-00 ATMEL-10-0516-00 Datasheet
48Kb / 1P
10-0516-00
logo
Pomona Electronics
3560 POMONA-3560 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
3561 POMONA-3561 Datasheet
129Kb / 2P
Banana Jack To #12, 16, 20 & 22 Pin
logo
SHIELD s.r.l.
MP-BK SHIELD-MP-BK Datasheet
95Kb / 2P
PVC, CEI 20-22 II
logo
LUMEX INC.
LCT-H480272M43W1T LUMEX-LCT-H480272M43W1T Datasheet
1Mb / 10P
4.3 ACTIVE MATRIX FULL COLOR TFT W/TOUCH PANEL 12:00 VIEW, LED BACKLIGHT, -20 TO 70 OPERATING TEMP.
logo
Adels-Contact
112001 ADELS-112001 Datasheet
115Kb / 1P
930-00/ 1
06/01/2020
112004 ADELS-112004 Datasheet
118Kb / 1P
930-00/ 4
06/01/2020
112012 ADELS-112012 Datasheet
124Kb / 1P
Screwless Connectors Block Connectors 930-00/12
06/01/2020
logo
Hirose Electric
MDF97-5S-3.5C HIROSE-MDF97-5S-3.5C Datasheet
173Kb / 2P
EDC-354809-00-00
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
More results




Sobre a ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com