Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DSC1104CL2-246.8100T Datasheet (PDF) - Microchip Technology

DSC1104CL2-246.8100T Datasheet PDF - Microchip Technology
No. de pieza DSC1104CL2-246.8100T
Descarga  DSC1104CL2-246.8100T Descarga
Tamaño del archivo   1942.37 Kbytes
Page   28 Pages
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Descripción Electrónicos Low Jitter Precision HCSL Oscillator

DSC1104CL2-246.8100T Datasheet (PDF)

Go To PDF Page Descarga Datasheet
DSC1104CL2-246.8100T Datasheet PDF - Microchip Technology

No. de pieza DSC1104CL2-246.8100T
Descarga  DSC1104CL2-246.8100T Click to download

Tamaño del archivo   1942.37 Kbytes
Page   28 Pages
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Descripción Electrónicos Low Jitter Precision HCSL Oscillator

DSC1104CL2-246.8100T Datasheet (HTML) - Microchip Technology


DSC1104CL2-246.8100T Detalles de producto

Features
•Low RMS Phase Jitter: <1 ps (typ.)
•High Stability: ±10 ppm, ±20 ppm, ±25 ppm, ±50 ppm
•Wide Temperature Range
-Industrial: –40°C to +85°C
-Ext. Commercial: –20°C to +70°C
-Ext. Industrial: –40°C to +105°C
•High Supply Noise Rejection: –50 dBc
•Wide Frequency Range: 2.3 MHz to 460 MHz
•Small Industry Standard Footprints:
-2.5 mm x 2.0 mm, 3.2 mm x 2.5 mm, 5.0 mm x 3.2 mm, and 7.0 mm x 5.0 mm
•Excellent Shock and Vibration Immunity
-Qualified to MIL-STD-883
•High Reliability
-20x Better MTF than Quartz Oscillators
•Low Current Consumption
•Supply Range of 2.25V to 3.6V
•Standby and Output Enable Function
•Lead Free and RoHS Compliant

Applications
•Storage Area Networks
-SATA, SAS, Fibre Channel
•Passive Optical Networks
-EPON, 10G-EPON, GPON, 10G-PON
•Ethernet
-1G, 10GBASE-T/KR/LR/SR, and FCoE
•HD/SD/SDI Video and Surveillance
•PCI Express: Gen 1 to Gen 4
•Display Port

General Description
The DSC1104 and DSC1124 series of high performance oscillators utilizes a proven silicon MEMS technology to provide excellent jitter and stability over a wide range of supply voltages and temperatures. By eliminating the need for quartz or SAW technology, MEMS oscillators significantly enhance reliability and accelerate product development, while meeting stringent clock performance criteria for a variety of communications, storage, and networking applications.
DSC1104 has a standby feature allowing it to completely power down when EN pin is pulled low; whereas for DSC1124, only the outputs are disabled when EN is low. Both oscillators are available in industry standard packages, including the small 2.5 mm x 2.0 mm, and are drop-in replacements for standard 6-pin HCSL quartz crystal oscillators.




Número de pieza similar - DSC1104CL2-246.8100T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
DSC1104CL2 MICREL-DSC1104CL2 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
logo
Microchip Technology
DSC1104CL2T MICROCHIP-DSC1104CL2T Datasheet
496Kb / 28P
Low Jitter Precision HCSL Oscillator
10/25/17
More results


Descripción similar - DSC1104CL2-246.8100T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
Low-Jitter Configurable Dual HCSL Oscillator
DSC1104 MICREL-DSC1104 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
Low-Jitter Configurable HCSL Oscillator
logo
Microchip Technology
DSC1104 MICROCHIP-DSC1104 Datasheet
496Kb / 28P
Low Jitter Precision HCSL Oscillator
10/25/17
logo
Micrel Semiconductor
DSC8004 MICREL-DSC8004 Datasheet
687Kb / 6P
Programmable Low-Jitter Precision HCSL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2142 MICREL-DSC2142 Datasheet
674Kb / 6P
Low-Jitter I2C/SPI Programmable HCSL-LVPECL Oscillator
More results




Sobre a Microchip Technology


Microchip Technology es una compañía de semiconductores estadounidense que fue fundada en 1989.
La compañía proporciona una amplia gama de microcontroladores, analógicos, memoria y productos de seguridad para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
Microchip es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en diseño de baja potencia y su enfoque en las tecnologías de ahorro de energía.
La compañía también proporciona herramientas y software de desarrollo para ayudar a los clientes a diseñar y prototipos de sus productos.
Microchip tiene operaciones en más de 70 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com