Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CR-M024AC3L Datasheet (PDF) - ABB

CR-M024AC3L Datasheet PDF - ABB
No. de pieza CR-M024AC3L
Descarga  CR-M024AC3L Descarga
Tamaño del archivo   232.24 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC3L Pluggable interface relay 3c/o, A1-A2=24VAC, 250V/10A, LED

CR-M024AC3L Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CR-M024AC3L Datasheet PDF - ABB

No. de pieza CR-M024AC3L
Descarga  CR-M024AC3L Click to download

Tamaño del archivo   232.24 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC3L Pluggable interface relay 3c/o, A1-A2=24VAC, 250V/10A, LED

CR-M024AC3L Datasheet (HTML) - ABB


CR-M024AC3L Detalles de producto

Extended Product Type CR-M024AC3L
Product ID 1SVR405612R0100
EAN 4013614497452
Catalog Description CR-M024AC3L Pluggable interface relay 3c/o, A1-A2=24VAC, 250V/10A, LED
Long Description
The CR-M024AC3L pluggable interface relay is from the CR-M (miniature) relay range. This relay operates
with a 24 V AC rated control supply voltage and has a 3 c/o (SPDT) output with contacts rated at 250 V / 10
A. The relay has an integrated orange test button for manual actuation and locking of the output contacts
and an integrated LED. Standard sockets, logic sockets, pluggable function modules, holder and marker are
available as accessories.
General Information




Número de pieza similar - CR-M024AC3L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABB
CR-M024AC3L ABB-CR-M024AC3L Datasheet
793Kb / 12P
Pluggable interface relays CR-M Miniature relays
03/2017
More results


Descripción similar - CR-M024AC3L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
Accessories for pluggable interface relays CR-U Pluggable function modules
logo
Eldeco Srl
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-L ELDECO-MRD31-L Datasheet
376Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRH31 ELDECO-MRH31 Datasheet
520Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
Relay for control panel of 1A to 10A (1c/2c/3c/4c)
logo
PHOENIX CONTACT
REL-IR PHOENIX-REL-IR Datasheet
77Kb / 5P
Pluggable industrial relay with power contacts, 2 PDT, test button, status LED, free-wheeling diode, mechanical switch position indicator, polarity A1, A2-, input voltage 60 V DC
logo
Schneider Electric
DL1BDB1 SCHNEIDER-DL1BDB1 Datasheet
95Kb / 1P
WHITE LED BA15D 24VAC/DC
Aug 11, 2019
DL1BDB3 SCHNEIDER-DL1BDB3 Datasheet
96Kb / 1P
GREEN LED BA15D 24VAC/DC
Aug 11, 2019
DL1BDB8 SCHNEIDER-DL1BDB8 Datasheet
94Kb / 1P
YELLOW LED BA15 24VAC/DC
Aug 11, 2019
More results




Sobre a ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com