Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CR-M024AC4LG Datasheet (PDF) - ABB

CR-M024AC4LG Datasheet PDF - ABB
No. de pieza CR-M024AC4LG
Descarga  CR-M024AC4LG Descarga
Tamaño del archivo   232.98 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC4LG Pluggable interface relay 4c/o, A1-A2=24VAC, gold-plated contacts

CR-M024AC4LG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CR-M024AC4LG Datasheet PDF - ABB

No. de pieza CR-M024AC4LG
Descarga  CR-M024AC4LG Click to download

Tamaño del archivo   232.98 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos CR-M024AC4LG Pluggable interface relay 4c/o, A1-A2=24VAC, gold-plated contacts

CR-M024AC4LG Datasheet (HTML) - ABB


CR-M024AC4LG Detalles de producto

Extended Product Type CR-M024AC4LG
Product ID 1SVR405618R0100
EAN 4013614497957
Catalog Description CR-M024AC4LG Pluggable interface relay 4c/o, A1-A2=24VAC, gold-plated contacts
Long Description
The CR-M024AC4LG pluggable interface relay is from the CR-M (miniature) relay range. This relay
operates with a 24 V AC rated control supply voltage and has a 4 c/o (SPDT) gold-plated output with
contacts rated at 250 V / 6 A. The relay has an integrated orange test button for manual actuation and
locking of the output contacts and an integrated LED. Standard sockets, logic sockets, pluggable function
modules, holder and marker are available as accessories
General Information




Número de pieza similar - CR-M024AC4LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABB
CR-M024AC4LG ABB-CR-M024AC4LG Datasheet
793Kb / 12P
Pluggable interface relays CR-M Miniature relays
03/2017
More results


Descripción similar - CR-M024AC4LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
Accessories for pluggable interface relays CR-U Pluggable function modules
logo
Pomona Electronics
7057 POMONA-7057 Datasheet
167Kb / 2P
Gold plated center contacts.
logo
Hammond Manufacturing L...
1427B HAMMOND-1427B Datasheet
96Kb / 1P
HANDLE MATERIAL-CR STEEL, FINISH-BRIGHT CROME PLATED
1427G HAMMOND-1427G Datasheet
85Kb / 1P
Handle Material - CR Steel, Finish - Bright Crome Plated
1427L HAMMOND-1427L Datasheet
88Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
1427T HAMMOND-1427T Datasheet
84Kb / 1P
Handle Material - CR Steel, Finish - Bright Crome Plated
1427W HAMMOND-1427W Datasheet
84Kb / 1P
Handle Material - CR Steel, Finish - Bright Crome Plated
logo
E-SWITCH
K200260 E-SWITCH-K200260 Datasheet
113Kb / 1P
TERMINAL AND CONTACTS: GOLD PLATED COPPER ALLOY
logo
Skyworks Solutions Inc.
SKY77526 SKYWORKS-SKY77526 Datasheet
64Kb / 2P
Gold-plated, lead-free contacts
logo
PHOENIX CONTACT
REL-IR PHOENIX-REL-IR Datasheet
77Kb / 5P
Pluggable industrial relay with power contacts, 2 PDT, test button, status LED, free-wheeling diode, mechanical switch position indicator, polarity A1, A2-, input voltage 60 V DC
More results




Sobre a ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com