Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SM4800 Datasheet (PDF) - Infinite Electronics International, Inc.

SM4800 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza SM4800
Descarga  SM4800 Descarga
Tamaño del archivo   366.81 Kbytes
Page   2 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SM4800 DATA SHEET SMA Male to RP MCX Plug Adapter

SM4800 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SM4800 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza SM4800
Descarga  SM4800 Click to download

Tamaño del archivo   366.81 Kbytes
Page   2 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos SM4800 DATA SHEET SMA Male to RP MCX Plug Adapter

SM4800 Datasheet (HTML) - Infinite Electronics International, Inc.


SM4800 Detalles de producto

Features
• Connector 1: SMA Male
• Impedance 1: 50 Ohms
• Connector 2: MCX Plug Reverse Polarity
• Impedance 2: 50 Ohms
• Adapter Design: Standard
• Body Style: Straight
• SM4800
• DATA SHEET




Número de pieza similar - SM4800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Mitus, Inc.
SM4801 SILICONMITUS-SM4801 Datasheet
273Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VGH Boost, Two Bucks, LDO, Two Negative Charge-Pumps, OP-Amp, VCOM Calibrator and GPM
December 2017 Rev. 0.0.0
SM4802 SILICONMITUS-SM4802 Datasheet
268Kb / 1P
TV LCD Panel PMIC with AVDD Boost, HAVDD Regulator, Two Bucks, VGH Boost, VGL Buck-boost, Negative Linear Regulator
December 2017 Rev. 0.0.0
logo
Sinopower Semiconductor...
SM4802DSK SINOPWER-SM4802DSK Datasheet
275Kb / 12P
Dual N-Channel Enhancement Mode MOSFET
SM4802DSKC-TRG SINOPWER-SM4802DSKC-TRG Datasheet
275Kb / 12P
Dual N-Channel Enhancement Mode MOSFET
SM4803DSK SINOPWER-SM4803DSK Datasheet
245Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
More results


Descripción similar - SM4800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE9469 PASTERNACK-PE9469 Datasheet
250Kb / 2P
MCX Plug to BNC Male Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
logo
Linx Technologies
ADP-RPSF-NM LINX-ADP-RPSF-NM Datasheet
440Kb / 2P
ADAPTER, RP-SMA JACK (MALE PIN) TO N PLUG (MALE PIN)
ADP-SMAF-MCXM LINX-ADP-SMAF-MCXM Datasheet
348Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MCX PLUG (MALE PIN)
ADP-SMAM-MCXF LINX-ADP-SMAM-MCXF Datasheet
346Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX JACK (FEMALE SOCKET)
ADP-SMAM-MCXM LINX-ADP-SMAM-MCXM Datasheet
338Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX PLUG (MALE PIN)
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Huber+Suhner, Inc.
32_MCX-SMA-50-1111_N HUBERSUHNER-32_MCX-SMA-50-1111_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, MCX - SMA, 50 Ohm, plug / plug (male / male)
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com