Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LSXND5050PKT1R2NMG Datasheet (PDF) - Taiyo Yuden (U.S.A.), Inc

LSXND5050PKT1R2NMG Datasheet PDF - Taiyo Yuden (U.S.A.), Inc
No. de pieza LSXND5050PKT1R2NMG
Descarga  LSXND5050PKT1R2NMG Descarga
Tamaño del archivo   308.68 Kbytes
Page   3 Pages
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Descripción Electrónicos Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Purpose

LSXND5050PKT1R2NMG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LSXND5050PKT1R2NMG Datasheet PDF - Taiyo Yuden (U.S.A.), Inc

No. de pieza LSXND5050PKT1R2NMG
Descarga  LSXND5050PKT1R2NMG Click to download

Tamaño del archivo   308.68 Kbytes
Page   3 Pages
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc
Descripción Electrónicos Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Purpose

LSXND5050PKT1R2NMG Datasheet (HTML) - Taiyo Yuden (U.S.A.), Inc


LSXND5050PKT1R2NMG Detalles de producto

Features
- Item Summary: 1.2uH±30%, 2.4A, 4.9x4.9x1.4mm
- Lifecycle Stage: Mass Production (Preferred)
- Standard packaging quantity (minimum): Taping Embossed 1000pcs




Número de pieza similar - LSXND5050PKT1R2NMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
LSXND5050PKT100MMG TAIYO-YUDEN-LSXND5050PKT100MMG Datasheet
372Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXND5050PKT150MMG TAIYO-YUDEN-LSXND5050PKT150MMG Datasheet
372Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results


Descripción similar - LSXND5050PKT1R2NMG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
LSXNE2424KKT1R5MN TAIYO-YUDEN-LSXNE2424KKT1R5MN Datasheet
372Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNE2424MKT100MNG TAIYO-YUDEN-LSXNE2424MKT100MNG Datasheet
368Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNE2424MKT2R2MNG TAIYO-YUDEN-LSXNE2424MKT2R2MNG Datasheet
372Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNE3030KKT1R2NN TAIYO-YUDEN-LSXNE3030KKT1R2NN Datasheet
369Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNE3030KKT2R2MN TAIYO-YUDEN-LSXNE3030KKT2R2MN Datasheet
369Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNH8080XKL220MJG TAIYO-YUDEN-LSXNH8080XKL220MJG Datasheet
370Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNH8080XKL2R2NJG TAIYO-YUDEN-LSXNH8080XKL2R2NJG Datasheet
370Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNH8080YBL1R0NJG TAIYO-YUDEN-LSXNH8080YBL1R0NJG Datasheet
366Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNH8080YBL6R8NJG TAIYO-YUDEN-LSXNH8080YBL6R8NJG Datasheet
370Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
LSXNH8080YKL220MJG TAIYO-YUDEN-LSXNH8080YKL220MJG Datasheet
370Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com