Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1SBL136201R2000 Datasheet (PDF) - ABB

1SBL136201R2000 Datasheet PDF - ABB
No. de pieza 1SBL136201R2000
Descarga  1SBL136201R2000 Descarga
Tamaño del archivo   55.5 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos AF09Z-40-00-20 12-20VDC Contactor

1SBL136201R2000 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1SBL136201R2000 Datasheet PDF - ABB

No. de pieza 1SBL136201R2000
Descarga  1SBL136201R2000 Click to download

Tamaño del archivo   55.5 Kbytes
Page   3 Pages
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB
Descripción Electrónicos AF09Z-40-00-20 12-20VDC Contactor

1SBL136201R2000 Datasheet (HTML) - ABB


1SBL136201R2000 Detalles de producto

Extended Product Type:
Product ID:
EAN:
Catalog Description:
Long Description:
General Information
AF09Z-40-00-20
1SBL136201R2000
3471523115804
AF09Z-40-00-20 12-20VDC Contactor
AF09Z 4-pole contactors are used for controlling power circuits up to 690 V AC and 440 V
DC. They are mainly used for controlling non-inductive or slightly inductive loads (i.e.
resistance furnaces...). AF..Z contactors include an electronic coil interface accepting a
wide control voltage Uc min. ... Uc max. Only four coils cover control voltages between
24...250 V 50/60 Hz or 12...250 V DC. AF..Z contactors can manage large control voltage
variations. One coil can be used for different control voltages used worldwide without any coil
change. AF..Z contactors allow direct control by PLC-output ≥ 24 V DC 500 mA and obtain
a reduced holding coil consumption. AF..Z contactors withstand short voltage dips and
voltage sags (SEMI F47-0706 compliance) between 24...250 V 50/60 Hz AF..Z contactors
have built-in surge protection and do not require additional surge suppressors The AF...
series 4-pole contactors are of the block type design. - Main poles and auxiliary contact
blocks: 4 N.O. main poles, front and side-mounted add-on auxiliary contact blocks.
(mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1. N.C.
mirror contacts compliant with Annex F of IEC 60947-4-1) - Control circuit: DC operated for
AF..Z-30-..-20 contactors. Only AF..Z-30-..-20 contactors need to respect the polarity on the
coil terminals (A1+ and A2-). - Accessories: a wide range of accessories is available.




Número de pieza similar - 1SBL136201R2000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABB
1SBL136201R2100 ABB-1SBL136201R2100 Datasheet
55Kb / 3P
AF09Z-40-00-21 24-60V50/60HZ 20-60VDC Contactor
More results


Descripción similar - 1SBL136201R2000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 24P
12-Bit, 20/40/65 MSPS Dual A/D Converter
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
Tyco Electronics
96-3100 MACOM-96-3100 Datasheet
160Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
98-3100 MACOM-98-3100 Datasheet
79Kb / 2P
Definite Purpose Contactor 3-pole, 20-40 FLA AC Coil
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
Dual 13/12-Bit 20/40 MSPS A/D Converter
HMCAD1051-40 HITTITE-HMCAD1051-40 Datasheet
756Kb / 14P
Single 13/12-Bit 20/40 MSPS A/D Converter
logo
Pasternack Enterprises,...
PE9804 PASTERNACK-PE9804 Datasheet
75Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:8:20~12:40 GHz
logo
Tyco Electronics
1308242 MACOM-1308242 Datasheet
753Kb / 2P
Definite Purpose Contactor 1- or 2-pole, 20-40 FLA AC Coil
logo
Adels-Contact
112012 ADELS-112012 Datasheet
124Kb / 1P
Screwless Connectors Block Connectors 930-00/12
06/01/2020
logo
Hirose Electric
MDF97-5S-3.5C HIROSE-MDF97-5S-3.5C Datasheet
173Kb / 2P
EDC-354809-00-00
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
More results




Sobre a ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com