Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCANED1015 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANED1015 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza LCANED1015
Descarga  LCANED1015 Descarga
Tamaño del archivo   398.74 Kbytes
Page   4 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos 400 to 470 MHz, 3 dBi Exposed Dipole Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR

LCANED1015 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LCANED1015 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza LCANED1015
Descarga  LCANED1015 Click to download

Tamaño del archivo   398.74 Kbytes
Page   4 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos 400 to 470 MHz, 3 dBi Exposed Dipole Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR

LCANED1015 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANED1015 Detalles de producto

Features
• Frequency coverage for 400 MHz to 470 MHz with Type N
Female connector and gain 3 dBi / 0.85 dBd antennas
• Multiple exposed dipoles can be mouted on a mast for best
performance
• Feild adjustable radition patterns with 100W max input power per
port
• Easy and quick time to installations with U-Bolt mounts
• Industrially tuned folded dipole allows plug and play
• Weather and corrision free made of high-grade aluminum alloys
• Vertical Polarization

Applications
• Outdoor point-to-point (PtP) or point-to-multipoint (PtMP)
applications
• UHF radio applications supported with Trunking for two-way radio
communications
• Public Safety / Emergency services / Marine communications /
Rail road communications
• Tetra and P-25 Applications exclusively supported
• Land Mobile Radio (LMR) and Private Mobile Radio (PMR)
• Fixed and mobile services for paging/voice/data in full duplex and
half duplex mode




Número de pieza similar - LCANED1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
LCANED1010 L-COM-LCANED1010 Datasheet
365Kb / 3P
406 MHz - 512 MHz 2 Folded Dipole antenna, 7 dBi gain, 1/2 Wave Bidirectional pattern, V-pol, Type N Female Connector
3/31/22
LCANED1011 L-COM-LCANED1011 Datasheet
365Kb / 3P
406 MHz - 512 MHz 2 Folded Dipole antenna, 7.6 dBi gain, 1/4 Wave Offset pattern, V-pol, Type N Female Connector
3/31/22
LCANED1012 L-COM-LCANED1012 Datasheet
372Kb / 4P
136 to 174 MHz, 3 dBi Folded Dipole Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR
5/5/2022
LCANED1014 L-COM-LCANED1014 Datasheet
404Kb / 4P
400 to 470 MHz, 3 dBi Folded Dipole Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR
5/5/2022
More results


Descripción similar - LCANED1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51062 PASTERNACK-PE51062 Datasheet
59Kb / 1P
Mini Vertical Antenna 2300 MHz, 3 dBi
PE51063 PASTERNACK-PE51063 Datasheet
59Kb / 1P
Mini Dipole Vertical Antenna 2400 MHz, 3 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
PE51065 PASTERNACK-PE51065 Datasheet
59Kb / 1P
Mini Vertical Antenna 3500 MHz, 3 dBi
PE51116 PASTERNACK-PE51116 Datasheet
67Kb / 1P
Vertical Omni Antenna 248-268 MHz 1.5 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com