Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7709150ST3 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7709150ST3 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
No. de pieza DIO7709150ST3
Descarga  DIO7709150ST3 Descarga
Tamaño del archivo   1689.67 Kbytes
Page   13 Pages
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Descripción Electrónicos 300 mA Low IQ, Wide Input Voltage Low Dropout Regulator

DIO7709150ST3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
DIO7709150ST3 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7709150ST3
Descarga  DIO7709150ST3 Click to download

Tamaño del archivo   1689.67 Kbytes
Page   13 Pages
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Descripción Electrónicos 300 mA Low IQ, Wide Input Voltage Low Dropout Regulator

DIO7709150ST3 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7709150ST3 Detalles de producto

Features
Operating input voltage range: 2.5 V to 30 V
Fixed voltage options available: 1.2 V to 5 V
(upon request)
Ultra−low quiescent current: 4 μA (typ.) over
temperature
PSRR: 60 dB at 1 kHz
Stable with small 1 μF ceramic capacitor
Soft−start to reduce inrush current and
overshoots
Thermal shutdown and current limit
protection
Available in SOT89-3, SOT23-5, SOT23-3 and
DFN2*2-6 packages
These devices are Pb−free, halogen free/BFR
free, and are RoHS Compliant
Descriptions
The DIO7709 is a 300 mA LDO linear voltage
regulator. It is a very stable and accurate device
with ultra−low quiescent current consumption
(typically 4 μA over the full temperature range)
and a wide input voltage range (up to 30 V). The
regulator incorporates several protection features,
such as thermal shutdown and current limiting.
Application
Wireless chargers
Portable equipment
Communication systems




Número de pieza similar - DIO7709150ST3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOO MICROCIRCUITS CO.,...
DIO7709330A DIOO-DIO7709330A Datasheet
922Kb / 8P
300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
Rev 1.0
DIO7709330AST5 DIOO-DIO7709330AST5 Datasheet
922Kb / 8P
300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
Rev 1.0
More results


Descripción similar - DIO7709150ST3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
logo
Texas Instruments
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com