Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCCA30001-FT2 Datasheet (PDF) - Infinite Electronics International, Inc.

LCCA30001-FT2 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza LCCA30001-FT2
Descarga  LCCA30001-FT2 Descarga
Tamaño del archivo   407.31 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to SMA Male Cable Using 402SS Series Coax with Heavy Duty Boot, 2.0 ft

LCCA30001-FT2 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LCCA30001-FT2 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza LCCA30001-FT2
Descarga  LCCA30001-FT2 Click to download

Tamaño del archivo   407.31 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to SMA Male Cable Using 402SS Series Coax with Heavy Duty Boot, 2.0 ft

LCCA30001-FT2 Datasheet (HTML) - Infinite Electronics International, Inc.


LCCA30001-FT2 Detalles de producto

Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
• Wire Braid over Spiral Strip Shield
• Flexible Alternative to .141 Semi-Rigid
• Heavy Duty Heat Shrink Strain Relief Boot
• Precision Stainless Steel Connectors
Applications
• General Purpose
• Laboratory Use
• Flexible RF Interconnect
• Automated (ATE) Test Systems
.
Description
L-com’s Cable Assembly LCCA30001 is an SMA male to SMA male, 2.0 ft cable using 402SS Series coax with Heavy Duty Boot that ships
same-day. L-com’s flexible RF cable assemblies are ideal for applications where tight bends and flexure are required. This L-com SMA to
SMA cable assembly has a male to male gender configuration with 50 ohm flexible 402SS Series coax and operates to 18 GHz. Highly
durable stainless-steel connectors and heavy-duty booting extend the life of this versatile flexible cable assembly. The double shield
includes a silver plated copper braid over a silver plated copper spiral strip providing excellent shielding effectiveness greater than 110dB.
Custom versions of this cable assembly along with the rest of L-com’s RF cable assemblies can be built and shipped same day. Other
available RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom labeling. RF
testing can also be performed to document the electrical performance of your cable assembly. Contact a sales representative for custom
cable quotes.




Número de pieza similar - LCCA30001-FT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
LCCA30001-FT1 L-COM-LCCA30001-FT1 Datasheet
415Kb / 5P
SMA Male to SMA Male Cable Using 402SS Series Coax with Heavy Duty Boot, 1.0 ft
10/08/2019
LCCA30001-FT1.5 L-COM-LCCA30001-FT1.5 Datasheet
407Kb / 5P
SMA Male to SMA Male Cable Using 402SS Series Coax with Heavy Duty Boot, 1.5 ft
10/08/2019
LCCA30001-FT10 L-COM-LCCA30001-FT10 Datasheet
415Kb / 5P
SMA Male to SMA Male Cable Using 402SS Series Coax with Heavy Duty Boot, 10.0 ft
10/08/2019
LCCA30001-FT3 L-COM-LCCA30001-FT3 Datasheet
415Kb / 5P
SMA Male to SMA Male Cable Using 402SS Series Coax with Heavy Duty Boot, 3.0 ft
10/08/2019
LCCA30001-FT4 L-COM-LCCA30001-FT4 Datasheet
415Kb / 5P
SMA Male to SMA Male Cable Using 402SS Series Coax with Heavy Duty Boot, 4.0 ft
10/08/2019
More results


Descripción similar - LCCA30001-FT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3790 PASTERNACK-PE3790 Datasheet
238Kb / 3P
SMA Male to SMA Male Precision Cable Using 165 Series Coax, RoHS
PE34286 PASTERNACK-PE34286 Datasheet
233Kb / 1P
SMA Male to SMA Male Precision Cable Using 150 Series Coax RoHS
PE3C0038 PASTERNACK-PE3C0038 Datasheet
335Kb / 3P
SMA Male to SMA Male Cable Using LMR-195 Coax
PE300 PASTERNACK-PE300 Datasheet
332Kb / 4P
SMA Male to SMA Male Precision Cable Using 160 Series Coax, RoHS
PE3385 PASTERNACK-PE3385 Datasheet
382Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE37908 PASTERNACK-PE37908 Datasheet
392Kb / 4P
SMA Male to SMA Male Cable Using PE-C100-LSZH Coax
PE3C0052 PASTERNACK-PE3C0052 Datasheet
331Kb / 3P
SMA Male to SMA Male Cable Using LMR-240 Coax
PE3C0057 PASTERNACK-PE3C0057 Datasheet
347Kb / 3P
SMA Male to SMA Male Cable Using LMR-100 Coax
PE3C1015 PASTERNACK-PE3C1015 Datasheet
358Kb / 4P
SMA Male to SMA Male Cable Using Tinned RG402 Coax
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com