Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCCA30002-FT4 Datasheet (PDF) - Infinite Electronics International, Inc.

LCCA30002-FT4 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza LCCA30002-FT4
Descarga  LCCA30002-FT4 Descarga
Tamaño del archivo   408.15 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to SMA Female Cable Using 402SS Series Coax with Heavy Duty Boot, 4.0 ft

LCCA30002-FT4 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LCCA30002-FT4 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza LCCA30002-FT4
Descarga  LCCA30002-FT4 Click to download

Tamaño del archivo   408.15 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to SMA Female Cable Using 402SS Series Coax with Heavy Duty Boot, 4.0 ft

LCCA30002-FT4 Datasheet (HTML) - Infinite Electronics International, Inc.


LCCA30002-FT4 Detalles de producto

Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
• Wire Braid over Spiral Strip Shield
• Flexible Alternative to .141 Semi-Rigid
• Heavy Duty Heat Shrink Strain Relief Boot
• Precision Stainless Steel Connectors
Applications
• General Purpose
• Laboratory Use
• Flexible RF Interconnect
• Automated (ATE) Test Systems

Description
L-com’s Cable Assembly LCCA30002 is an SMA male to SMA female, 4.0 ft cable using 402SS Series coax with Heavy Duty Boot that
ships same-day. L-com’s flexible RF cable assemblies are ideal for applications where tight bends and flexure are required. This L-com
SMA to SMA cable assembly has a male to female gender configuration with 50 ohm flexible 402SS Series coax and operates to 18 GHz.
Highly durable stainless-steel connectors and heavy-duty booting extend the life of this versatile flexible cable assembly. The double shield
includes a silver plated copper braid over a silver plated copper spiral strip providing excellent shielding effectiveness greater than 110dB.
Custom versions of this cable assembly along with the rest of L-com’s RF cable assemblies can be built and shipped same day. Other
available RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom labeling. RF
testing can also be performed to document the electrical performance of your cable assembly. Contact a sales representative for custom
cable quotes.




Número de pieza similar - LCCA30002-FT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
LCCA30002-FT1 L-COM-LCCA30002-FT1 Datasheet
408Kb / 5P
SMA Male to SMA Female Cable Using 402SS Series Coax with Heavy Duty Boot, 1.0 ft
10/09/19
LCCA30002-FT1.5 L-COM-LCCA30002-FT1.5 Datasheet
415Kb / 5P
SMA Male to SMA Female Cable Using 402SS Series Coax with Heavy Duty Boot, 1.5 ft
10/09/19
LCCA30002-FT10 L-COM-LCCA30002-FT10 Datasheet
415Kb / 5P
SMA Male to SMA Female Cable Using 402SS Series Coax with Heavy Duty Boot, 10.0 ft
10/09/19
LCCA30002-FT2 L-COM-LCCA30002-FT2 Datasheet
415Kb / 5P
SMA Male to SMA Female Cable Using 402SS Series Coax with Heavy Duty Boot, 2.0 ft
10/09/19
LCCA30002-FT3 L-COM-LCCA30002-FT3 Datasheet
415Kb / 5P
SMA Male to SMA Female Cable Using 402SS Series Coax with Heavy Duty Boot, 3.0 ft
10/09/19
More results


Descripción similar - LCCA30002-FT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3931 PASTERNACK-PE3931 Datasheet
424Kb / 3P
SMA Female to SMA Female Cable Using RG402 Coax
PE3C0038 PASTERNACK-PE3C0038 Datasheet
335Kb / 3P
SMA Male to SMA Male Cable Using LMR-195 Coax
PE3385 PASTERNACK-PE3385 Datasheet
382Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE33254 PASTERNACK-PE33254 Datasheet
352Kb / 4P
SMA Female to SMA Female Cable Using RG223 Coax
PE3C0045 PASTERNACK-PE3C0045 Datasheet
335Kb / 3P
SMA Female to SMA Female Cable Using LMR-100 Coax
PE3C1015 PASTERNACK-PE3C1015 Datasheet
358Kb / 4P
SMA Male to SMA Male Cable Using Tinned RG402 Coax
PE3C2892 PASTERNACK-PE3C2892 Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax
PE3C2892LF PASTERNACK-PE3C2892LF Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax, RoHS
PE3C3430 PASTERNACK-PE3C3430 Datasheet
354Kb / 4P
SMA Female to BNC Male Cable Using RG188 Coax
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com