Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCCA30003-FT3 Datasheet (PDF) - Infinite Electronics International, Inc.

LCCA30003-FT3 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza LCCA30003-FT3
Descarga  LCCA30003-FT3 Descarga
Tamaño del archivo   409.02 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 3.0 ft

LCCA30003-FT3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LCCA30003-FT3 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza LCCA30003-FT3
Descarga  LCCA30003-FT3 Click to download

Tamaño del archivo   409.02 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 3.0 ft

LCCA30003-FT3 Datasheet (HTML) - Infinite Electronics International, Inc.


LCCA30003-FT3 Detalles de producto

Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
• Wire Braid over Spiral Strip Shield
• Flexible Alternative to .141 Semi-Rigid
• Heavy Duty Heat Shrink Strain Relief Boot
• Precision Stainless Steel Connectors
Applications
• General Purpose
• Laboratory Use
• Flexible RF Interconnect
• Automated (ATE) Test Systems

Description
L-com’s Cable Assembly LCCA30003 is an SMA male to SMA male right angle, 3.0 ft cable using 402SS Series coax with Heavy Duty
Boot that ships same-day. L-com’s flexible RF cable assemblies are ideal for applications where tight bends and flexure are required.
This L-com SMA to SMA cable assembly has a male to male gender configuration with 50 ohm flexible 402SS Series coax and operates
to 18 GHz. The right angle SMA interface on the 402SS Series cable allows for easier connections in tight spaces. Highly durable
stainless-steel connectors and heavy-duty booting extend the life of this versatile flexible cable assembly. The double shield includes
a silver plated copper braid over a silver plated copper spiral strip providing excellent shielding effectiveness greater than 110dB.
Custom versions of this cable assembly along with the rest of L-com’s RF cable assemblies can be built and shipped same day. Other
available RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom labeling. RF
testing can also be performed to document the electrical performance of your cable assembly. Contact a sales representative for custom
cable quotes.




Número de pieza similar - LCCA30003-FT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
LCCA30003-FT1 L-COM-LCCA30003-FT1 Datasheet
409Kb / 5P
SMA Male to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 1.0 ft
10/09/2019
LCCA30003-FT1.5 L-COM-LCCA30003-FT1.5 Datasheet
408Kb / 5P
SMA Male to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 1.5 ft
10/09/2019
LCCA30003-FT1.5 L-COM-LCCA30003-FT1.5 Datasheet
409Kb / 5P
SMA Male to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 1.0 ft
10/09/2019
LCCA30003-FT10 L-COM-LCCA30003-FT10 Datasheet
417Kb / 5P
SMA Male to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 10.0 ft
10/09/2019
LCCA30003-FT2 L-COM-LCCA30003-FT2 Datasheet
417Kb / 5P
SMA Male to SMA Male Right Angle Cable Using 402SS Series Coax with Heavy Duty Boot, 2.0 ft
10/09/2019
More results


Descripción similar - LCCA30003-FT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE35418 PASTERNACK-PE35418 Datasheet
241Kb / 4P
SMA Male to SMA Male Right Angle Precision Cable Using 150 Series Coax, RoHS
PE35424 PASTERNACK-PE35424 Datasheet
231Kb / 3P
SMA Male Right Angle to SMA Male Right Angle Precision Cable Using 165 Series Coax, RoHS
PE3CA1040 PASTERNACK-PE3CA1040 Datasheet
373Kb / 5P
SMA Male to SMA Male Right Angle Cable Using PE-086FLEX Coax, RoHS
PE3C0055 PASTERNACK-PE3C0055 Datasheet
333Kb / 3P
SMA Male to SMA Male Right Angle Cable Using LMR-240 Coax
PE3385 PASTERNACK-PE3385 Datasheet
382Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE3C3350 PASTERNACK-PE3C3350 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG316 Coax
PE3C3350LF PASTERNACK-PE3C3350LF Datasheet
366Kb / 4P
BNC Male to SMA Male Right Angle Cable Using RG316 Coax
PE3C3437 PASTERNACK-PE3C3437 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG188 Coax
PE3C3448 PASTERNACK-PE3C3448 Datasheet
367Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG174 Coax
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com