Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCCA30009-FT3 Datasheet (PDF) - Infinite Electronics International, Inc.

LCCA30009-FT3 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza LCCA30009-FT3
Descarga  LCCA30009-FT3 Descarga
Tamaño del archivo   411.94 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to N Female Bulkhead Cable Using 402SS Series Coax with Heavy Duty Boot, 3.0 ft

LCCA30009-FT3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LCCA30009-FT3 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza LCCA30009-FT3
Descarga  LCCA30009-FT3 Click to download

Tamaño del archivo   411.94 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos SMA Male to N Female Bulkhead Cable Using 402SS Series Coax with Heavy Duty Boot, 3.0 ft

LCCA30009-FT3 Datasheet (HTML) - Infinite Electronics International, Inc.


LCCA30009-FT3 Detalles de producto

Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
• Wire Braid over Spiral Strip Shield
• Flexible Alternative to .141 Semi-Rigid
• Heavy Duty Heat Shrink Strain Relief Boot
• Precision Stainless Steel Connectors
Applications
• General Purpose
• Laboratory Use
• Flexible RF Interconnect
• Automated (ATE) Test Systems

Description
L-com’s Cable Assembly LCCA30009 is an SMA male to N female bulkhead, 3.0 ft cable using 402SS Series coax with Heavy
Duty Boot that ships same-day. L-com’s flexible RF cable assemblies are ideal for applications where tight bends and flexure
are required. This L-com SMA to N cable assembly has a male to female gender configuration with 50 ohm flexible 402SS Series
coax and operates to 18 GHz. Our RF cable assembly with N bulkhead interface allows designers to create external connections
on their product enclosures, and can be used in a variety of other rack mount and panel mount applications. Highly durable stainless-
steel connectors and heavy-duty booting extend the life of this versatile flexible cable assembly. The double shield includes a
silver plated copper braid over a silver plated copper spiral strip providing excellent shielding effectiveness greater than 110dB.
Custom versions of this cable assembly along with the rest of L-com’s RF cable assemblies can be built and shipped same day. Other
available RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom labeling. RF
testing can also be performed to document the electrical performance of your cable assembly. Contact a sales representative for custom
cable quotes.




Número de pieza similar - LCCA30009-FT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
LCCA30009-FT1 L-COM-LCCA30009-FT1 Datasheet
419Kb / 5P
SMA Male to N Female Bulkhead Cable Using 402SS Series Coax with Heavy Duty Boot, 1.0 ft
3/3/2020
LCCA30009-FT1.5 L-COM-LCCA30009-FT1.5 Datasheet
411Kb / 5P
SMA Male to N Female Bulkhead Cable Using 402SS Series Coax with Heavy Duty Boot, 1.5 ft
10/09/2019
LCCA30009-FT10 L-COM-LCCA30009-FT10 Datasheet
411Kb / 5P
SMA Male to N Female Bulkhead Cable Using 402SS Series Coax with Heavy Duty Boot, 10.0 ft
10/09/2019
LCCA30009-FT2 L-COM-LCCA30009-FT2 Datasheet
419Kb / 5P
SMA Male to N Female Bulkhead Cable Using 402SS Series Coax with Heavy Duty Boot, 2.0 ft
3/3/2020
LCCA30009-FT4 L-COM-LCCA30009-FT4 Datasheet
411Kb / 5P
SMA Male to N Female Bulkhead Cable Using 402SS Series Coax with Heavy Duty Boot, 4.0 ft
10/09/2019
More results


Descripción similar - LCCA30009-FT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3CA1042 PASTERNACK-PE3CA1042 Datasheet
445Kb / 6P
SMA Male to SMA Female Bulkhead Cable Using PE-086FLEX Coax, RoHS
PE35954 PASTERNACK-PE35954 Datasheet
228Kb / 3P
SMA Male to N Female Bulkhead Precision Cable Using 150 Series Coax, RoHS
PE3193-48 PASTERNACK-PE3193-48 Datasheet
374Kb / 4P
SMA Male to N Female Bulkhead Cable 48 Inch Length Using RG223 Coax
PE3193-60 PASTERNACK-PE3193-60 Datasheet
374Kb / 4P
SMA Male to N Female Bulkhead Cable 60 Inch Length Using RG223 Coax
PE3193-72 PASTERNACK-PE3193-72 Datasheet
374Kb / 4P
SMA Male to N Female Bulkhead Cable 72 Inch Length Using RG223 Coax
PE3C2892 PASTERNACK-PE3C2892 Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax
PE3C2892LF PASTERNACK-PE3C2892LF Datasheet
357Kb / 4P
SMA Male to SMA Female Bulkhead Cable Using RG402 Coax, RoHS
PE3C3411 PASTERNACK-PE3C3411 Datasheet
356Kb / 4P
SMA Female Bulkhead to BNC Male Cable Using RG174 Coax
PE3C3447 PASTERNACK-PE3C3447 Datasheet
360Kb / 4P
SMA Female Bulkhead to BNC Male Cable Using RG316 Coax
PE3C3481 PASTERNACK-PE3C3481 Datasheet
363Kb / 4P
SMA Female Bulkhead to BNC Male Cable Using RG188 Coax
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com