Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST3B-F Datasheet (PDF) - Infinite Electronics International, Inc.

ST3B-F Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza ST3B-F
Descarga  ST3B-F Descarga
Tamaño del archivo   522.49 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 2 Watts To 3 GHz Tri-Metal Plated Brass BNC Female

ST3B-F Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ST3B-F Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza ST3B-F
Descarga  ST3B-F Click to download

Tamaño del archivo   522.49 Kbytes
Page   3 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos RF Load 2 Watts To 3 GHz Tri-Metal Plated Brass BNC Female

ST3B-F Datasheet (HTML) - Infinite Electronics International, Inc.


ST3B-F Detalles de producto

Features
• DC to 3 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 2 Watts (CW)
• BNC Female Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Número de pieza similar - ST3B-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
ST3B-C FAIRVIEW-ST3B-C Datasheet
518Kb / 3P
ST3B-C DATA SHEET BNC Male (Plug) Termination (Load) 2 Watts to 4 GHz with Chain, Tri-Metal Plated Brass, 1.15 VSWR, 1 KWatts Peak Power
REV 2.2
More results


Descripción similar - ST3B-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE6100 PASTERNACK-PE6100 Datasheet
209Kb / 3P
50 Ohm 5 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 7 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com