Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCCA30008-FT2 Datasheet (PDF) - Infinite Electronics International, Inc.

LCCA30008-FT2 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza LCCA30008-FT2
Descarga  LCCA30008-FT2 Descarga
Tamaño del archivo   416.12 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos N Male to N Female Cable Using 402SS Series Coax with Heavy Duty Boot, 2.0 ft

LCCA30008-FT2 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LCCA30008-FT2 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza LCCA30008-FT2
Descarga  LCCA30008-FT2 Click to download

Tamaño del archivo   416.12 Kbytes
Page   5 Pages
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Descripción Electrónicos N Male to N Female Cable Using 402SS Series Coax with Heavy Duty Boot, 2.0 ft

LCCA30008-FT2 Datasheet (HTML) - Infinite Electronics International, Inc.


LCCA30008-FT2 Detalles de producto

Configuration
• Connector 1: N Male
• Connector 2: N Female
• Cable Type: 402SS Series
Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
• Wire Braid over Spiral Strip Shield
• Flexible Alternative to .141 Semi-Rigid
• Heavy Duty Heat Shrink Strain Relief Boot
• Precision Stainless Steel Connectors
Applications
• General Purpose
• Laboratory Use
• Flexible RF Interconnect
• Automated (ATE) Test Systems




Número de pieza similar - LCCA30008-FT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
LCCA30008-FT1 L-COM-LCCA30008-FT1 Datasheet
416Kb / 5P
N Male to N Female Cable Using 402SS Series Coax with Heavy Duty Boot, 1.0 ft
10/09/2019
LCCA30008-FT1.5 L-COM-LCCA30008-FT1.5 Datasheet
415Kb / 5P
N Male to N Female Cable Using 402SS Series Coax with Heavy Duty Boot, 1.5 ft
10/09/2019
LCCA30008-FT10 L-COM-LCCA30008-FT10 Datasheet
415Kb / 5P
N Male to N Female Cable Using 402SS Series Coax with Heavy Duty Boot, 10.0 ft
10/09/2019
LCCA30008-FT3 L-COM-LCCA30008-FT3 Datasheet
416Kb / 5P
N Male to N Female Cable Using 402SS Series Coax with Heavy Duty Boot, 3.0 ft
10/09/2019
LCCA30008-FT4 L-COM-LCCA30008-FT4 Datasheet
408Kb / 5P
N Male to N Female Cable Using 402SS Series Coax with Heavy Duty Boot, 4.0 ft
10/09/2019
More results


Descripción similar - LCCA30008-FT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE35952 PASTERNACK-PE35952 Datasheet
231Kb / 3P
N Male to N Female Bulkhead Precision Cable Using 150 Series Coax, RoHS
PE3570 PASTERNACK-PE3570 Datasheet
363Kb / 4P
N Male to N Male Cable Using RG8 Coax
PE34274-12 PASTERNACK-PE34274-12 Datasheet
331Kb / 3P
N Male to N Female Cable 12 Inch Length Using RG217 Coax
PE34274-24 PASTERNACK-PE34274-24 Datasheet
331Kb / 3P
N Male to N Female Cable 24 Inch Length Using RG217 Coax
PE34274-36 PASTERNACK-PE34274-36 Datasheet
331Kb / 3P
N Male to N Female Cable 36 Inch Length Using RG217 Coax
PE3C0061 PASTERNACK-PE3C0061 Datasheet
546Kb / 3P
N Male to N Male Cable Using LMR-195 Coax
PE3C0048 PASTERNACK-PE3C0048 Datasheet
336Kb / 3P
N Male to N Male Cable Using LMR-600 Coax
PE3C0053 PASTERNACK-PE3C0053 Datasheet
337Kb / 3P
N Male to N Male Cable Using LMR-240 Coax
PE3C3416 PASTERNACK-PE3C3416 Datasheet
365Kb / 4P
N Female Bulkhead to BNC Male Cable Using RG316 Coax
PE3C3474 PASTERNACK-PE3C3474 Datasheet
361Kb / 4P
N Female Bulkhead to BNC Male Cable Using RG174 Coax
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com