Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT8309 Datasheet (PDF) - Analog Devices

LT8309 Datasheet PDF - Analog Devices
No. de pieza LT8309
Descarga  LT8309 Descarga
Tamaño del archivo   590.69 Kbytes
Page   8 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos LT8309 No-Opto Flyback Converter with Synchronous Rectifier

LT8309 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
LT8309 Datasheet PDF - Analog Devices

No. de pieza LT8309
Descarga  LT8309 Click to download

Tamaño del archivo   590.69 Kbytes
Page   8 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos LT8309 No-Opto Flyback Converter with Synchronous Rectifier

LT8309 Datasheet (HTML) - Analog Devices


LT8309 Detalles de producto

Description
Demonstration circuit 1961A features the LT®8309, a
secondary synchronous driver in an isolated, no optocoupler,
flyback converter. It regulates a 12V, 5A output
from a 36V to 72V input source.
Output regulation is handled on the primary side by the
LT3748, a boundary conduction mode flyback controller
which senses output voltage directly from the primary, resulting
in a simple flyback schematic with no opto-coupler.
The LT8309 synchronous rectifier driver replicates the
behavior of a diode by sensing the synchronous MOSFET
drain-to-source voltage to determine its turn on period.
By replacing the diode with a N-channel MOSFET, applications
are no longer restricted by the heat constraints of
the rectifier diode.
On the DC1961A, the LT8309 is biased from the rectified
drain voltage node of secondary side synchronous
MOSFET, not directly connecting to output voltage. This
configuration allows the synchronous MOSFET to remain
conducting at all times, even when output is shorted
to ground, so as to provide a very robust short circuit
performance.
The Performance Summary table summarizes the performance
of the demo board at room temperature. For
thermally critical applications, proper amount of air flow
can help to reduce power components’ temperature rise,
therefore greatly improving circuit reliability.
The LT8309 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this quick start
guide for demo circuit 1961A.




Número de pieza similar - LT8309

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT8309 LINER-LT8309 Datasheet
232Kb / 14P
Secondary-Side Synchronous Rectifier Driver
logo
Analog Devices
LT8309 AD-LT8309 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT8309 AD-LT8309 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
LT8309 AD-LT8309 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
Secondary-Side Synchronous Rectifier Driver
More results


Descripción similar - LT8309

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
High Power PD With Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
High Power PD With Synchronous No-Opto Flyback Controller
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
logo
Maxim Integrated Produc...
MAX17690EVKITE MAXIM-MAX17690EVKITE Datasheet
896Kb / 10P
MAX17690 No-Opto Flyback with Secondary-Side Synchronous Rectification
Rev 0; 6/18
More results




Sobre a Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com