Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NID1101UPZ Datasheet (PDF) - Nexperia B.V. All rights reserved

NID1101UPZ Datasheet PDF - Nexperia B.V. All rights reserved
No. de pieza NID1101UPZ
Descarga  NID1101UPZ Descarga
Tamaño del archivo   2664.37 Kbytes
Page   24 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 1.5 V to 5.5 V, 1.5 A, WLCSP ideal diode with forward voltage blocking

NID1101UPZ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NID1101UPZ Datasheet PDF - Nexperia B.V. All rights reserved

No. de pieza NID1101UPZ
Descarga  NID1101UPZ Click to download

Tamaño del archivo   2664.37 Kbytes
Page   24 Pages
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Descripción Electrónicos 1.5 V to 5.5 V, 1.5 A, WLCSP ideal diode with forward voltage blocking

NID1101UPZ Datasheet (HTML) - Nexperia B.V. All rights reserved


NID1101UPZ Detalles de producto

1. General description
The NID1101 is a compact, high-efficiency ideal diode
that replaces traditional Schottky diodes in low-voltage
power systems. It provides a low froward voltage
drop alternative to traditional Schottky diodes while
integrating both forward and true reverse current
blocking.
The NID1101 operates across a 1.5 V to 5.5 V input
range, and supports up to 1.5 A of continuous current.
It is well suited for applications that require minimal
power loss and precise current control, such as power
OR-ing, redundant supply switchover, and reverse
current protection. In dual-supply configurations, it
enables seamless transition between sources without
the need for additional control logic.
An active-high enable (EN) pin governs device
operation.
• When EN is low, the NID1101 remains off, blocking
current flow in both directions.
• When EN is asserted and the input voltage (IN)
exceeds the output voltage (OUT), the device
activates with controlled turn-on, managing inrush
current during startup.
Once enabled, the device starts up in a controlled
manner limiting the amount of inrush current. Once
startup is completed, the device regulates the voltage
between the IN and OUT pins that is approximately an
order of magnitude lower than similarly rated Schottky
diodes.
To ensure robust system performance, the NID1101
integrates short-circuit current limiting and thermal
shutdown protection. If the output voltage rises
above the input, the device automatically enters a
high-impedance state with minimal reverse leakage
current, effectively preventing reverse conduction.
A variety of power OR-ing configurations are supported
for system flexibility:
• Two, or more, NID1101 devices
• NID1101s and conventional Schottky diodes
The NID1101 is available in a compact WLCSP4
(SOT8113) package and is characterized for operation
over an ambient temperature range of –40 °C to
125 °C.

2. Features and benefits
• Input voltage range: 1.5 V to 5.5 V
• Low forward drop voltage: VFWD = 29 mV (typ. at
3.6 V input and 100 mA load current)
• Reverse voltage blocking always
• Low leakage current when VOUT > VIN
• Forward voltage blocking when disabled
• Low quiescent current
• Enhanced load transient response
• Controlled slew rate at start-up
• Over temperature protection
• Short-circuit protection
• SOT8113, 4-pin, wafer level chip scale package
• Specified over Ta= -40 °C to +125 °C
3. Applications
• Smart wearables
• OR-ing applications
• Diode replacement
• Battery backup systems
• USB powered devices




Número de pieza similar - NID1101UPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mean Well Enterprises C...
NID100 MEANWELL-NID100 Datasheet
1Mb / 3P
100W DC-DC Non-Isolated Regulated Converted
NID100-12 MEANWELL-NID100-12 Datasheet
1Mb / 3P
100W DC-DC Non-Isolated Regulated Converted
NID100-15 MEANWELL-NID100-15 Datasheet
1Mb / 3P
100W DC-DC Non-Isolated Regulated Converted
NID100-24 MEANWELL-NID100-24 Datasheet
1Mb / 3P
100W DC-DC Non-Isolated Regulated Converted
NID100-4.2 MEANWELL-NID100-4.2 Datasheet
570Kb / 3P
100W DC-DC Non-Isolated Regulated Converter
2022-11-16
More results


Descripción similar - NID1101UPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
CD54AC04 TI1-CD54AC04_14 Datasheet
889Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
CD54AC08 TI1-CD54AC08 Datasheet
882Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
CD54AC32 TI1-CD54AC32 Datasheet
879Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
logo
ON Semiconductor
NSR15406NXT5G ONSEMI-NSR15406NXT5G Datasheet
62Kb / 5P
1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15405NXT5G ONSEMI-NSR15405NXT5G Datasheet
62Kb / 5P
1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
Texas Instruments
LM66100 TI1-LM66100 Datasheet
1Mb / 16P
5.5-V, 1.5-A, 79-m(ohm), Low IQ ideal diode with input polarity protection
LM66100-Q1 TI-LM66100-Q1 Datasheet
1Mb / 26P
LM66100-Q1 5.5-V, 1.5-A 79-m廓, Automotive, Low IQ Ideal Diode With Input Polarity Protection
SLVSGD6 ??NOVEMBER 2021
LM66100-Q1 TI-LM66100-Q1_V01 Datasheet
2Mb / 24P
LM66100-Q1 5.5-V, 1.5-A 79-m廓, Automotive, Low IQ Ideal Diode with Input Polarity Protection
MARCH 2022
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com